Electronic Components Datasheet Search
  English  ▼

X  

101020013 Datasheet(PDF) 13 Page - Seeed Technology Co.,Ltd.

Part # 101020013
Description  Grove - DS1307 RTC (Real Time Clock) for Arduino
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101020013 Datasheet(HTML) 13 Page - Seeed Technology Co.,Ltd.

Back Button 101020013 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 15Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 16Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 17Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
7/23/22, 8:43 PM
Grove - DS1307 RTC (Real Time Clock) for Arduino - Seeed Wiki
https://wiki.seeedstudio.com/Grove-RTC/
13/22
Here is the code
1
#!/usr/bin/env python
2
#
3
# GrovePi Example for using the Grove I2C RTC (https://ww
4
#
5
# The GrovePi connects the Raspberry Pi and Grove sensors
6
#
7
# Have a question about this example? Ask on the forums
8
#
9
'''
10 ## License
11 The MIT License (MIT)
12 GrovePi for the Raspberry Pi: an open source platform for
13 Copyright (C) 2017 Dexter Industries
14 Permission is hereby granted, free of charge, to any pers
15 of this software and associated documentation files (the
16 in the Software without restriction, including without li
17 to use, copy, modify, merge, publish, distribute, sublice
18 copies of the Software, and to permit persons to whom the
19 furnished to do so, subject to the following conditions:
20 The above copyright notice and this permission notice sha
21 all copies or substantial portions of the Software.
22 THE SOFTWARE IS PROVIDED "AS IS", WITHOUT WARRANTY OF ANY
23 IMPLIED, INCLUDING BUT NOT LIMITED TO THE WARRANTIES OF M
24 FITNESS FOR A PARTICULAR PURPOSE AND NONINFRINGEMENT. IN
25 AUTHORS OR COPYRIGHT HOLDERS BE LIABLE FOR ANY CLAIM, DAM
26 LIABILITY, WHETHER IN AN ACTION OF CONTRACT, TORT OR OTHE
27 OUT OF OR IN CONNECTION WITH THE SOFTWARE OR THE USE OR O
28 THE SOFTWARE.
29 '''
30
31 import time
32 import grovepi
33
34 # Connect the Grove Real Time Clock to any I2C port eg. I
35 # Can be found at I2C address 0x68
36 # SCL,SDA,VCC,GND
37
38 while True:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com