Electronic Components Datasheet Search
  English  ▼

X  

101020013 Datasheet(PDF) 7 Page - Seeed Technology Co.,Ltd.

Part # 101020013
Description  Grove - DS1307 RTC (Real Time Clock) for Arduino
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

101020013 Datasheet(HTML) 7 Page - Seeed Technology Co.,Ltd.

Back Button 101020013 Datasheet HTML 3Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 4Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 5Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. 101020013 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/23/22, 8:43 PM
Grove - DS1307 RTC (Real Time Clock) for Arduino - Seeed Wiki
https://wiki.seeedstudio.com/Grove-RTC/
7/22
1
#include <Wire.h>
2
#include "DS1307.h"
3
4
DS1307 clock;//define a object of DS1307 class
5
void setup()
6
{
7
Serial.begin(9600);
8
clock.begin();
9
clock.fillByYMD(2013,1,19);//Jan 19,2013
10
clock.fillByHMS(15,28,30);//15:28 30"
11
clock.fillDayOfWeek(SAT);//Saturday
12
clock.setTime();//write time to the RTC chip
13 }
14 void loop()
15 {
16
printTime();
17 }
18
/*Function: Display time on the serial monitor*/
19 void printTime()
20 {



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com