Electronic Components Datasheet Search
  English  ▼

X  

VL6522 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VL6522
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VL6522 Datasheet HTML 11Page - STMicroelectronics VL6522 Datasheet HTML 12Page - STMicroelectronics VL6522 Datasheet HTML 13Page - STMicroelectronics VL6522 Datasheet HTML 14Page - STMicroelectronics VL6522 Datasheet HTML 15Page - STMicroelectronics VL6522 Datasheet HTML 16Page - STMicroelectronics VL6522 Datasheet HTML 17Page - STMicroelectronics VL6522 Datasheet HTML 18Page - STMicroelectronics VL6522 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
VL6522
Register description
15/35
5
Register description
5.1
Register interpreter
Register contents represent different data types as described in
Table 4.
Registers not listed in this datasheet should be considered as reserved or read-only and
should not be written to, as this may cause unpredictable results.
The VL6522 registers can be written to using the extension units within the Windows video
class.
All register locations contain an 8-bit byte. However, certain parameters require 16 bits to
represent them and are therefore stored in more than 1 location.
Note:
For all 16 bit parameters, the MSB register must be written before the LSB register.
The data stored in each location can be interpreted in different ways as shown below.
Register contents represent different data types as described in
Table 5.
Float number format
Float 900 is used in ST co-processors to represent floating point numbers in 2 bytes of data.
It conforms to the following structure:
Bit[15] = Sign bit (1 represents negative)
Bit[14:9] = 6 bits of exponent, biased at decimal 31
Bit[8:0] = 9 bits of mantissa
Table 4.
Register naming prefix
Prefix
Description
UIA_BYTE = b
One byte unsigned data
UIA_UINT16 = w
Twobyte data
UIA_UINT16 = uw
Two byte unsigned data
Flag_e(F) = f
One byte data. Only two possible values
UIA_FLOAT = fp
Two byte data. Expect value in Floating Point 16 notation
UIA_INT8 = sb
One byte signed data
Table 5.
Data type
Data type
Description
BYTE
Single field register 8 bit parameter
UINT_16
Multiple field registers - 16 bit parameter
FLAG_e
Bit 0 of register must be set/cleared
CODED
Coded register - function depends on value written
FLOAT
Float Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com