Electronic Components Datasheet Search
  English  ▼

X  

VL6522 Datasheet(PDF) 26 Page - STMicroelectronics

Part # VL6522
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VL6522 Datasheet HTML 22Page - STMicroelectronics VL6522 Datasheet HTML 23Page - STMicroelectronics VL6522 Datasheet HTML 24Page - STMicroelectronics VL6522 Datasheet HTML 25Page - STMicroelectronics VL6522 Datasheet HTML 26Page - STMicroelectronics VL6522 Datasheet HTML 27Page - STMicroelectronics VL6522 Datasheet HTML 28Page - STMicroelectronics VL6522 Datasheet HTML 29Page - STMicroelectronics VL6522 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Electrical characteristics
VL6522
26/35
6
Electrical characteristics
6.1
Absolute maximum ratings
Caution:
Stresses above those listed under “Absolute Maximum Ratings” can cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
6.2
Operating conditions
Table 19.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTO
Storage temperature
-40
85
° C
V5V
5 V supply
4.1
5.6
V
Table 20.
Supply specifications
Symbol
Parameter
Min.
Max.
Unit
TAF
Operating temperature, functional
(Camera is electrically functional)
-30
70
° C
TAN
Operating temperature, nominal
(Camera produces acceptable images)
-25
55
° C
TAO
Operating temperature, optimal
(Camera produces optimal optical performance)
530
° C
V5V
5 V supply
4.1
5.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com