Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 21 Page - Seeed Technology Co.,Ltd.

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

BMI088 Datasheet(HTML) 21 Page - Seeed Technology Co.,Ltd.

Back Button BMI088 Datasheet HTML 17Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 18Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 19Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 20Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 21Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 22Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 23Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 24Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 25Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Bosch Sensortec | BMI088 Data sheet
21 |
48
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS001-13
Revision_1.3_052018
Accel_X_in_mg = Accel_X_int16 / 32768 * 1000 * 2^(<0x41> + 1)
Accel_Y_in_mg = Accel_Y_int16 / 32768 * 1000 * 2^(<0x41> + 1)
Accel_Z_in_mg = Accel_Z_int16 / 32768 * 1000 * 2^(<0x41> + 1)
5.3.5 Register 0x18 – 0x1A: Sensortime data
Registers containing the value of the internal 24-bit counter.
•
Register 0x18 (SENSORTIME_0) contains the lower 8 bits of the counter. This register is
incremented every 39.0625 µs.
•
Register 0x19 (SENSORTIME_1) contains the middle 8 bits of the counter. This register is
incremented on SENSORTIME_0 overflow, which is every 10 ms.
•
Register 0x1A (SENSORTIME_2) contains the higher 8 bits of the counter. This register is
incremented on SENSORTIME_1 overflow, which is every 2.56 s.
The complete 24-bit counter overflows after 655.36 s or almost 11 minutes.
5.3.6
Register 0x1D: ACC_INT_STAT_1
Interrupt status register.
Bit
Name
Access
Reset
value
Description
[7]
acc_drdy
RO
0x00
Acceleration data ready interrupt. Cleared on read
of this register
[6:0]
reserved
5.3.7
Register 0x22 – 0x23: Temperature sensor data
Registers containing the temperature sensor data output. The data is stored in an 11-bit value in 2’s
complement format. The resolution is 0.125°C/LSB, thus the temperature can be obtained as follows:
Temp_uint11 = (TEMP_MSB * 8) + (TEMP_LSB / 32)
if Temp_uint11 > 1023:
Temp_int11 = Temp_uint11 – 2048
else:
Temp_int11 = Temp_uint11
Temperature = Temp_int11 * 0,125°C/LSB + 23°C
TEMP_MSB
TEMP_LSB
Temp_int11
Temperature
0x3E
0x00
496
85 °C
…
…
…
…
0x00
0x60
3
23.375 °C
0x00
0x40
2
23.250 °C
0x00
0x20
1
23.125 °C
0x00
0x00
0
23.0°C
…
…
…
…
0xC1
0x00
-504
-40 °C
0x80
Invalid
The temperature sensor data is updated every 1.28 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com