Electronic Components Datasheet Search
  English  ▼

X  

BMI088 Datasheet(PDF) 10 Page - Seeed Technology Co.,Ltd.

Part # BMI088
Description  6-axis Motion Tracking for High-performance Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEEEDSTUDIO [Seeed Technology Co.,Ltd.]
Direct Link  https://www.seeedstudio.com/
Logo SEEEDSTUDIO - Seeed Technology Co.,Ltd.

BMI088 Datasheet(HTML) 10 Page - Seeed Technology Co.,Ltd.

Back Button BMI088 Datasheet HTML 6Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 7Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 8Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 9Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 10Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 11Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 12Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 13Page - Seeed Technology Co.,Ltd. BMI088 Datasheet HTML 14Page - Seeed Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Bosch Sensortec | BMI088 Data sheet
10 |
48
Modifications reserved | Data subject to change without notice
Document number: BST-BMI088-DS001-13
Revision_1.3_052018
Bandwidth BW
f
-3dB
523
230
116
64
47
32
23
12
Hz
Data rate
(set of x,y,z rate)
2000
1000
400
200
100
Hz
Data rate tolerance
(set of x,y,z rate)
±0.3
%
Cross Axis
Sensitivity
Sensitivity to stimuli in
non-sense-direction
±1
%
1.4 Temperature Sensor Specifications
Table 6: Temperature sensor specifications
Parameter
Symbol
Condition
Min
Typ
Max
Units
Temperature Sensor
Measurement Range
TS
-104
150
°C
Temperature Sensor
Slope
dTS
0.125
K/LSB
Temperature Sensor
Offset error
OTS
at 25°C
±1
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com