Electronic Components Datasheet Search
  English  ▼

X  

RJ3VM Datasheet(PDF) 21 Page - REAN

Part # RJ3VM
Description  T I N Y x l r C a b l e C o n n e c t o r s
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RJ3VM Datasheet(HTML) 21 Page - REAN

Back Button RJ3VM Datasheet HTML 16Page - REAN RJ3VM Datasheet HTML 17Page - REAN RJ3VM Datasheet HTML 18Page - REAN RJ3VM Datasheet HTML 19Page - REAN RJ3VM Datasheet HTML 20Page - REAN RJ3VM Datasheet HTML 21Page - REAN RJ3VM Datasheet HTML 22Page - REAN RJ3VM Datasheet HTML 23Page - REAN RJ3VM Datasheet HTML 24Page - REAN  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Patch
Box
&
Stage
Boxes
Patch
Box
&
Stage
Boxes
Or dering Information
Patch box
NYS-SSR-8
1/4" patch box with 8 send/return moduls (split print)
Stage boxes – type A
NSB1A-8/4
Length 1, 8 IN (female/send) and 4 OUT (male/return)
NSB2A-12/4
Length 2, 12 IN (female/send) and 4 OUT (male/return)
NSB2A-20/4
Length 2, 20 IN (female/send) and 4 OUT (male/return)
NSB3A-32/4
Length 3, 32 IN (female/send) and 4 OUT (male/return)
NSB4A-40/4
Lenght 4, 40 IN (female/send) and 4 OUT (male/return)
NSB4A-40/8
Lenght 4, 40 IN (female/send) and 8 OUT (male/return)
Stage boxes – type B
NSB1B-8/0
Length 1, 8 IN (female/send)
NSB2B-12/4
Length 2, 12 IN (female/send) and 4 OUT (male/return)
NSB2B-16/0
Length 2, 16 IN (female/send)
NSB3B-20/4
Length 3, 20 IN (female/send) and 4 OUT (male/return)
Stage boxes – type C
NSB1C-8/0
Length 1, 8 IN (female/send)
NSB2C-12/4
Length 2, 12 IN (female/send) and 4 OUT (male/return)
NSB3C-20/4
Length 3, 20 IN (female/send) and 4 OUT (male/return)
(Supplied as disassembled set comprising of all hardware parts including plates, profiles, strain relief, endpieces and screws.)
Specification
1/4" patch box
Stage boxes
Electrical
Rated current
depends on mating connector
•
2 A
Contact resistance
depends on mating connector
•
< 5 m
Ω
Insulation resistance
≥ 1 GΩ
≥ 1 GΩ
Dielectric strength
500 V dc
500 V dc
Mechanical
Lifetime
> 10'000 mating cycles
> 1'000 mating cycles
Insertion / withdrawal force
≤ 10 N / ≥ 10 N
≤ 10 N / ≥ 10 N
Multicore cable O.D.
–
15/20 mm
Applicable wire size
–
0.22 mm² / 24 AWG and 0.14 mm² / 26 AWG
Operating temperature
-25°C to + 70°C
-25°C to + 70°C
Material
Housing
Aluminium
Aluminium
Quad plates
–
POM
End pieces
Thermoplastic
Thermoplastic
Contacts
Brass/Bronze
Ni plated
Au plated
Part number coding:
B .... black handle
G.... gold plated contacts
AG .... all gold, gold plated contacts and shell
BG ... black handle, gold plated contacts
S .... silent switch
GT .... gold plated tip contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com