Electronic Components Datasheet Search
  English  ▼

X  

RJ3VM Datasheet(PDF) 8 Page - REAN

Part # RJ3VM
Description  T I N Y x l r C a b l e C o n n e c t o r s
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RJ3VM Datasheet(HTML) 8 Page - REAN

Back Button RJ3VM Datasheet HTML 4Page - REAN RJ3VM Datasheet HTML 5Page - REAN RJ3VM Datasheet HTML 6Page - REAN RJ3VM Datasheet HTML 7Page - REAN RJ3VM Datasheet HTML 8Page - REAN RJ3VM Datasheet HTML 9Page - REAN RJ3VM Datasheet HTML 10Page - REAN RJ3VM Datasheet HTML 11Page - REAN RJ3VM Datasheet HTML 12Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
1/4"
Jacks
1/4"
Jacks
1 / 4 " V ertical Jacks
RJ3VM
RJ5VM
RJ5VI-D1
RJ3VI-D1
Vertical PCB-mount – Fit's widely used PCB layout of existing vertical jacks
Space saving 1/4" jack – enables highest packing density
Circumferential contact arrangement – provides reliable switching function
Integrated body stop for the inserted 1/4" plug – ensures best conductivity independent from mating tip shape
Spring loaded ground contact – maintains superior contact integrity
RJ3VM
RJ5VM
l
l
l
l
l
RJ3VM
RJ5VM
[0.46"]
11.60
[1.22"]
31.0
[0.138"]
3.5
[0.945"]
24.0
[1.22"]
31.0
[0.138"]
3.5
[0.945"]
24.0
RJ3VM
RJ5VM
[0.46"]
11.60
[1.22"]
31.0
[0.138"]
3.5
[0.945"]
24.0
[1.22"]
31.0
[0.138"]
3.5
[0.945"]
24.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com