Electronic Components Datasheet Search
  English  ▼

X  

LBT15007 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT15007
Description  150MHz High-Loss SAW Filter 6.00MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT15007 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT15007 Datasheet HTML 1Page - SIPAT Co,Ltd LBT15007 Datasheet HTML 2Page - SIPAT Co,Ltd LBT15007 Datasheet HTML 3Page - SIPAT Co,Ltd LBT15007 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SIPAT LBT15007
Rev. Date
2004-7-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Version
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
150MHz High-Loss SAW Filter
6.00MHz Bandwidth
Part Number: LBT15007
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Source Impedance(1)
 
-
50
-
Load Impedance(1)
 
-
50
-
Center Frequency
MHz
149.925
150.025
150.125
Bandwidth at –1 dB
MHz
5.6
5.677
-
Bandwidth at –3 dB
MHz
6.0
6.19
-
Bandwidth at –40 dB
MHz
-
8.129
8.2
Attenuation from 10 MHz to 135 MHz
dB
45
55
-
Attenuation from 165 MHz to 1GHz
dB
45
50
-
Minimum Insertion Loss(1)
dB
20
22
Amplitude Variation
(over 5.6 MHz bandwidth)(2)
dB
-
0.33
0.8
Group Delay Variation
(over 5.6 MHz bandwidth)(3)
ns
-
100
150
Input/Output VSWR
1.45
1.8
Absolute Group Delay at fo
us
1.67
2.1
Maximum Input Level
dBm
20
Package type & size
Length x Width
mm
2
13.3X6.5
Height
mm
1.8
2.1
Pin Out
input
10
output
5
Case Ground
1,2,3,4,6,7,8,9
Notes:
(1) With external Matching Network.
(2) The amplitude variation is defined as the maximum level – minimum level over the given
bandwidth.
(3) The group delay variation is defined as the maximum level – minimum level over the given
bandwidth.


Similar Part No. - LBT15007

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT15007 SIPAT-LBT15007 Datasheet
339Kb / 4P
150MHz High-Loss SAW Filter 6.00MHz Bandwidth
More results

Similar Description - LBT15007

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS15008 SIPAT-LBS15008 Datasheet
143Kb / 4P
150MHz High-Loss SAW Filter 4.00MHz Bandwidth
LBS15009 SIPAT-LBS15009 Datasheet
147Kb / 4P
150MHz High-Loss SAW Filter 4.60MHz Bandwidth
LBS15010 SIPAT-LBS15010 Datasheet
135Kb / 3P
150MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBS15011 SIPAT-LBS15011 Datasheet
140Kb / 3P
150MHz SAW Filter 9.8MHz Bandwidth
LBN15505 SIPAT-LBN15505 Datasheet
327Kb / 3P
150MHz SAW Filter 34MHz Bandwidth
LBS15008 SIPAT-LBS15008 Datasheet
148Kb / 4P
150MHz High-Loss SAW Filter 4.00MHz Bandwidth
LBS15009 SIPAT-LBS15009 Datasheet
152Kb / 4P
150MHz High-Loss SAW Filter 4.60MHz Bandwidth
LBS15010 SIPAT-LBS15010 Datasheet
140Kb / 3P
150MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBS15011 SIPAT-LBS15011 Datasheet
146Kb / 3P
150MHz SAW Filter 9.8MHz Bandwidth
LBT15007 SIPAT-LBT15007 Datasheet
339Kb / 4P
150MHz High-Loss SAW Filter 6.00MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com