Electronic Components Datasheet Search
  English  ▼

X  

LBT15007 Datasheet(PDF) 4 Page - SIPAT Co,Ltd

Part # LBT15007
Description  150MHz High-Loss SAW Filter 6.00MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT15007 Datasheet(HTML) 4 Page - SIPAT Co,Ltd

  LBT15007 Datasheet HTML 1Page - SIPAT Co,Ltd LBT15007 Datasheet HTML 2Page - SIPAT Co,Ltd LBT15007 Datasheet HTML 3Page - SIPAT Co,Ltd LBT15007 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SIPAT LBT15007
Rev. Date
2004-7-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Version
1.0
Page 4/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
150MHz High-Loss SAW Filter
6.00MHz Bandwidth
Part Number: LBT15007
Typical Performance
Frequency Respond
Passband Respond
138
141
144
147
150
153
156
159
162
-100.0762
-90.0762
-80.0762
-70.0762
-60.0762
-50.0762
-40.0762
-30.0762
-20.0762
Frequency(MHz)
Type performance
80.9
160.8
240.7
320.6
400.5
480.4
560.3
640.2
720.1
-100.2424
-90.2424
-80.2424
-70.2424
-60.2424
-50.2424
-40.2424
-30.2424
-20.2424
Frequency(MHz)
Type performance
Input Smith Chart
Output Smith Chart



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com