Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # S32K310
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors S32K310 Datasheet HTML 25Page - NXP Semiconductors S32K310 Datasheet HTML 26Page - NXP Semiconductors S32K310 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 142 page
background image
6 Power management
6.1 Power mode transition operating behaviors
6.1.1 Power mode transition operating behavior
The values in the table below are provided for reference only.
Table 6. Power mode transition operating behavior
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tMODE_
STDBYENTRY
RUN --> STANDBY
transition time
—
955
—
ns
—
—
tMODE_
STDBYENTRY
RUN --> STANDBY
transition time
—
1035
—
ns
For S32K388
—
tMODE_
STDBYEXIT_FAST
STANDBY --> RUN
transition time, Fast
Recovery exit
—
53
—
us
FIRC ON @48MHz
in Standby mode, For
all S32K3xx devices
except S32K3x8
—
tMODE_
STDBYEXIT_FAST
STANDBY --> RUN
transition time, Fast
Recovery, V15
External
—
58.5
—
us
For S32K328,
S32K338, S32K348
and S32K358
—
tMODE_
STDBYEXIT_FAST
STANDBY --> RUN
transition time, Fast
Recovery, V15
SMPS with trickle
LDO disabled
—
85.5
—
us
For S32K328,
S32K338, S32K348
and S32K358
—
tMODE_
STDBYEXIT_FAST
STANDBY --> RUN
transition time, Fast
Recovery, V15
SMPS with trickle
LDO enabled
—
58.6
—
us
For S32K328,
S32K338, S32K348
and S32K358
—
tMODE_
STDBYEXIT
STANDBY --> RUN
transition time,
normal recovery exit
—
80
—
us
For all S32K3xx
devices except
S32K3x8
—
tMODE_
STDBYEXIT
STANDBY --> RUN
transition time,
Normal Recovery,
V15 External
—
140
—
us
For S32K328,
S32K338, S32K348
and S32K358
—
tMODE_
STDBYEXIT
STANDBY --> RUN
transition time, V15
External & With
SMPS trickle LDO
enabled1
—
186
—
us
For S32K388
—
tMODE_
STDBYEXIT
STANDBY --> RUN
transition time, with
—
212
—
us
For S32K388
—
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
23 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com