Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # S32K310
Description  Data is preliminary
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 142 page
background image
Table 48. Pins and signals assignment for this communication. (continued)
PCS
PTF7
LPSPI2_PCS0
PCS
PTF7
LPSPI2_PCS0
SCK
PTA11
LPSPI2_SCK
SCK
PTA11
LPSPI2_SCK
D0
PTF4
LPSPI2_SOUT
D0
PTF4
LPSPI2_SOUT
D1
PTE24
LPSPI2_SIN
D1
PTE24
LPSPI2_SIN
D2
PTH0
LPSPI2_PCS2
D2
PTH0
LPSPI2_PCS2
D3
PTH1
LPSPI2_PCS3
D3
PTH1
LPSPI2_PCS3
PCS
PTG23
LPSPI5_PCS0
PCS
PTG28
LPSPI5_PCS0
SCK
PTD31
LPSPI5_SCK
SCK
PTG31
LPSPI5_SCK
D0
PTG25
LPSPI5_SOUT
D0
PTG30
LPSPI5_SOUT
D1
PTD28
LPSPI5_SIN
D1
PTG29
LPSPI5_SIN
D2
PTG24
LPSPI5_PCS2
D2
PTG13
LPSPI5_PCS2
D3
PTD30
LPSPI5_PCS3
D3
PTG8
LPSPI5_PCS3
12.4.1 Timing specification for S32K388 to S32K388 communication
Below table lists the timing parameters for this communication. This parameters is valid only on set of pins preselected for this
device to device communication. All timing is shown with respect to 50% VDD_HV_A/B thresholds. All measurements are with
maximum output load of 50 pF, input transition of 1 ns and pad configured with fastest slew setting (DSE = 1'b1).
Table 49. Timing specification for S32K388 to S32K388 communication
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fcom
Communication
frequency
—
—
6.6
MHz
—
—
tWSPCK
Clock (SPSCK) high
or low time (SPSCK
duty cycle)
69
—
79
ns
—
—
tSU
Data setup time
34
—
—
ns
Master mode
6
tSU
Data setup time
5
—
—
ns
Slave mode
6
tV
Data valid (after
SPSCK edge)
—
—
21
ns
Master mode
10
tV
Data valid (after
SPSCK edge)
—
—
34
ns
Slave mode
10
tHO
Input hold time
0
—
—
ns
Master mode input
7
tHO
Input hold time
4
—
—
ns
slave mode input
7
tHO
Output hold time
3
—
—
ns
Slave mode output
11
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9, 01/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
96 / 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com