| Electronic Components Datasheet Search |
|
S32K310 Datasheet(PDF) 124 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 Datasheet(HTML) 124 Page - NXP Semiconductors |
|
124 / 142 page ![]() 15 Dimensions 15.1 Obtaining package dimensions Package dimensions are provided in the package drawings. To find a package drawing, go to nxp.com and perform a keyword search for the drawing’s document number: Package option Document Number 48-pin LQFP 98ASH00962A 257-ball MAPBGA 98ASA01483D 172-pin HDQFP 98ASA01107D 100-pin HDQFP 98ASA01570D 172-pin HDQFP_EP 98ASA01667D 289-ball MAPBGA 98ASA01216D 16 Revision history The following table lists the changes in this document. Rev 9, January 2024 • In "features", updated "Up to 512 KB SRAM with ECC, includes 192 KB" to "Up to 1152 KB SRAM with ECC, includes 384 KB". • Updated "feature comparison". • Updated the DMIPS values in the Table of Features to align with the footnotes. • In Absolute Max Ratings : — Updated footnote "When the input pad voltage levels are close to VDD_HV_A (respectively to VDD_HV_B)..." and referred to S32K3xx hardware design guidelines instead of AN. — Updated footnotes "Absolute max ratings must be..." and "When the input pad voltage levels.." — Added new footnote "If a positive injection current is present..." to spec "I_INJSUM_DC_ABS". — Added "S32K388" in statement "The VDD_DCDC supply voltage is only present in certain devices.." — Updated condition for V15 and V11 spec. • In Voltage and current operating requirements : — Updated footnote "When input pad voltage levels are close to VDD_HVA_A..." — Added new footnotes "Keeping the input voltage between" and "If a positive injection current is present..." — Added "S32K388" in statement "The VDD_DCDC supply voltage is only present in certain devices.." — Updated condition for V15 and V11 spec. • In "Power mode transition operating behaviour", added values for S32K3x8 devices. • In "Supply Monitoring", added footnote "The HVD_V15 monitor is provided to indicate if the V15 rail is far above the standard V15 operating range...". Table continues on the next page... NXP Semiconductors Dimensions S32K3xx Data Sheet, Rev. 9, 01/2024 Data Sheet: Technical Data Preliminary Information for S32K388 124 / 142 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |