Electronic Components Datasheet Search
  English  ▼

X  

1602996. Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1602996.
Description  Crimp contact - RC-1KP2000 - 1602996
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1602996. Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1602996. Datasheet HTML 1Page - PHOENIX CONTACT 1602996. Datasheet HTML 2Page - PHOENIX CONTACT 1602996. Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.phoenixcontact.com/gb/products/1602996
05/30/2019   Page 3 / 3
Crimp contact - RC-1KP2000 - 1602996
Accessories
Mounting material
Contact insertion and removal tool - RC-Z2097 - 1604251
Positioning and contact removal tool for RC crimp contacts for pin / socket, diameter 1 mm
 
 
Contact insertion and removal tool - RC-Z2494 - 1614123
Positioning and unlocking tool for RC crimp contacts (D-SUB) for pin/socket, diameter: 1 mm
 
 
Crimping pliers with digital display - RC-Z2514 - 1614590
Crimping pliers for turned RC crimp contacts Ø 1 mm / Ø 1.5 mm / Ø 2 mm, litz wire cross section of 0.08 mm² ... 2.5
mm²
 
 
Phoenix Contact 2019 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com