Electronic Components Datasheet Search
  English  ▼

X  

1602996. Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1602996.
Description  Crimp contact - RC-1KP2000 - 1602996
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1602996. Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1602996. Datasheet HTML 1Page - PHOENIX CONTACT 1602996. Datasheet HTML 2Page - PHOENIX CONTACT 1602996. Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/gb/products/1602996
05/30/2019   Page 1 / 3
Crimp contact - RC-1KP2000 - 1602996
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimp contact, turned, Single contact, contact diameter: 1 mm, crimp range: 0.5 mm² ... 1 mm²
Key Commercial Data
Packing unit
100 pc
Minimum order quantity
100 pc
GTIN
GTIN
4046356242837
Weight per Piece (excluding packing)
0.180 g
Custom tariff number
85389099
Country of origin
Germany
Note
Made to Order (non-returnable)
Technical data
Environmental Product Compliance
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings


Similar Part No. - 1602996.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1602996 PHOENIX-1602996 Datasheet
50Kb / 2P
Crimp contact - RC-1KP2000
1602996 PHOENIX-1602996 Datasheet
1Mb / 7P
Device connector, front mounting - M23-17P1N8AWB00S - 1132747
01/18/2022
1602996 PHOENIX-1602996 Datasheet
84Kb / 4P
Device connector, front mounting - M23-12P1N8AA600S - 1628494
05/30/2019
1602996 PHOENIX-1602996 Datasheet
1Mb / 8P
Device connector, front mounting - M23-17P1N8AW600S - 1629080
01/18/2022
1602996 PHOENIX-1602996 Datasheet
1Mb / 8P
Device connector, front mounting - M23-12P1N8AW600S - 1629082
01/18/2022
More results

Similar Description - 1602996.

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1602996 PHOENIX-1602996 Datasheet
50Kb / 2P
Crimp contact - RC-1KP2000
1603513 PHOENIX-1603513 Datasheet
51Kb / 2P
Crimp contact - RC-5CP2000
1603492 PHOENIX-1603492 Datasheet
189Kb / 2P
Crimp contact - RC-58P2000
1627290 PHOENIX-1627290 Datasheet
179Kb / 3P
Crimp contact - RC-15S2200
1603517 PHOENIX-1603517 Datasheet
214Kb / 4P
Crimp contact - RC-5CS2000
1603808 PHOENIX-1603808 Datasheet
43Kb / 2P
Crimp contact - RC-6FP2000
1627291 PHOENIX-1627291 Datasheet
161Kb / 3P
Crimp contact - RC-15P2300
1603498 PHOENIX-1603498 Datasheet
198Kb / 3P
Crimp contact - RC-59P2000
1623777 PHOENIX-1623777 Datasheet
181Kb / 4P
Crimp contact - RC-15P2020
1603505 PHOENIX-1603505 Datasheet
286Kb / 7P
RC-5AP2000 - Crimp contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com