Electronic Components Datasheet Search
  English  ▼

X  

1620587 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1620587
Description  Cable connector - SF-7ES1N8A8LDL - 1605617
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620587 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1620587 Datasheet HTML 1Page - PHOENIX CONTACT 1620587 Datasheet HTML 2Page - PHOENIX CONTACT 1620587 Datasheet HTML 3Page - PHOENIX CONTACT 1620587 Datasheet HTML 4Page - PHOENIX CONTACT 1620587 Datasheet HTML 5Page - PHOENIX CONTACT 1620587 Datasheet HTML 6Page - PHOENIX CONTACT 1620587 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/gb/products/1605617
12/22/2016   Page 1 / 7
Cable connector - SF-7ES1N8A8LDL - 1605617
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, straight long, Screw locking, M23, Number of positions: 4+3+PE, Type of contact: Socket,
Crimp connection, shielded: yes, Cable diameter: 7.5 mm...18 mm
Why buy this product
 Consistent EMC protection for reliable connection solutions in the industrial environment
 Crimping connection: vibration- and temperature-resistant assembly
 Flexible use: reliably connect cable diameters of 7.5 mm ... 18 mm
 Molded designs with pre-assembled cables on one or both sides
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356253970
Weight per Piece (excluding packing)
123.900 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
General
Note
Order information: Order crimp contacts 4 x Ø 1 mm, 4 x Ø 2 mm
separately
Type of locking
Screw locking
Coding
N
Contact connection method
Crimp connection
Type of contacts
Socket
Number of positions
8
Contact diameter of power contacts
2 mm
Nominal current per power contact at 25°C
30 A
Contact diameter of signal contacts
1 mm


Similar Part No. - 1620587

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620587 PHOENIX-1620587 Datasheet
51Kb / 2P
Color-coding - SF-Z0066
12/07/2018
More results

Similar Description - 1620587

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605524 PHOENIX-1605524 Datasheet
144Kb / 9P
Cable connector - SF-5ES1N8A80A1
09/11/2020
1605602 PHOENIX-1605602 Datasheet
636Kb / 17P
SF-7ES1N8A80DU - Cable connector
1605545 PHOENIX-1605545 Datasheet
587Kb / 16P
SF-5ES1N8A8LB2 - Cable connector
1605529 PHOENIX-1605529 Datasheet
572Kb / 15P
SF-5ES1N8A80A3 - Cable connector
1605543 PHOENIX-1605543 Datasheet
587Kb / 16P
SF-5ES1N8A8LB1 - Cable connector
1605553 PHOENIX-1605553 Datasheet
546Kb / 13P
SF-5ES1N8AR4DU - Cable connector
1618201 PHOENIX-1618201 Datasheet
621Kb / 16P
SF-5ES1N8A8LB4S - Cable connector
1618202 PHOENIX-1618202 Datasheet
621Kb / 16P
SF-5ES1N8A8LDLS - Cable connector
1241909 PHOENIX-1241909 Datasheet
466Kb / 11P
SF-5ES1N8A80A3X - Cable connector
1243165 PHOENIX-1243165 Datasheet
514Kb / 12P
SF-5ES1N8A8LB1SX - Cable connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com