Electronic Components Datasheet Search
  English  ▼

X  

1620587 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1620587
Description  Cable connector - SF-7ES1N8A8LDL - 1605617
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620587 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1620587 Datasheet HTML 1Page - PHOENIX CONTACT 1620587 Datasheet HTML 2Page - PHOENIX CONTACT 1620587 Datasheet HTML 3Page - PHOENIX CONTACT 1620587 Datasheet HTML 4Page - PHOENIX CONTACT 1620587 Datasheet HTML 5Page - PHOENIX CONTACT 1620587 Datasheet HTML 6Page - PHOENIX CONTACT 1620587 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/gb/products/1605617
12/22/2016   Page 2 / 7
Cable connector - SF-7ES1N8A8LDL - 1605617
Technical data
General
Nominal current per signal contact at 25°C
9 A
Conductor entry
7.5 mm ... 18 mm
Pg housing screw connection
none
Ambient conditions
Ambient temperature
-40 °C ... 125 °C
Degree of protection
IP67
Material
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Insulator material
PA 66
Gasket and O-ring material
FPM
Specifications according to DIN EN 61984:2001
Installation height max.
3000 m
Nominal / operating voltage of power contacts
630 V
Rated surge voltage of power contacts
6 kV
Overvoltage category of power contacts
III
Degree of pollution of power contacts
3
Nominal / operating voltage of signal contacts
250 V
Rated surge voltage of signal contacts
4 kV
Overvoltage category of signal contacts
III
Degree of pollution of signal contacts
3
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
A
B
C
D
3
1
Connector pin assignment
Dimensional drawing
75,6
Dimensional drawing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com