Electronic Components Datasheet Search
  English  ▼

X  

1620621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1620621
Description  Device connector, front mounting - ST-08S1N8AWQ00S - 1619039
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1620621 Datasheet HTML 1Page - PHOENIX CONTACT 1620621 Datasheet HTML 2Page - PHOENIX CONTACT 1620621 Datasheet HTML 3Page - PHOENIX CONTACT 1620621 Datasheet HTML 4Page - PHOENIX CONTACT 1620621 Datasheet HTML 5Page - PHOENIX CONTACT 1620621 Datasheet HTML 6Page - PHOENIX CONTACT 1620621 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/gb/products/1619039
01/24/2017   Page 1 / 7
Device connector, front mounting - ST-08S1N8AWQ00S - 1619039
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Device connector, front mounting, straight, SPEEDCON locking, M17, Number of positions: 8, Type of
contact: Socket, Crimp connection, Axial O-ring, 4xØ2,7, shielded: yes, Flange dimensions: 21.6 mm x 21.6
mm
Why buy this product
 Consistent EMC protection for reliable connection solutions in the industrial environment
 Crimping connection: vibration- and temperature-resistant assembly
 Flexible mounting, thanks to snap-in contact inserts
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356813075
Weight per Piece (excluding packing)
27.200 g
Custom tariff number
85444290
Country of origin
Germany
Note
Made to Order (non-returnable)
Technical data
General
Note
Order information: Order crimp contacts Ø 1 mm separately
Type of locking
SPEEDCON locking
Direction of rotation of contact chamber numbering
Standard
Coding
N
Contact connection method
Crimp connection
Type of contacts
Socket
Number of positions
8
Contact diameter of power contacts
1 mm
Nominal current per power contact at 25°C
8 A


Similar Part No. - 1620621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620621 PHOENIX-1620621 Datasheet
51Kb / 2P
Color-coding - ST-Z0019 - 1620621
01/24/2017
More results

Similar Description - 1620621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607746 PHOENIX-1607746 Datasheet
1Mb / 15P
ST-7EP1N8AW400S - Device connector front mounting
1613590 PHOENIX-1613590 Datasheet
639Kb / 16P
ST-7EP1N8A6100S - Device connector front mounting
1619218 PHOENIX-1619218 Datasheet
537Kb / 15P
ST-7ES1N8AW500S - Device connector front mounting
1607694 PHOENIX-1607694 Datasheet
1Mb / 14P
ST-3ES1N8AWQ00S - Device connector front mounting
1619206 PHOENIX-1619206 Datasheet
644Kb / 14P
ST-17S1N8AWK00S - Device connector front mounting
1607675 PHOENIX-1607675 Datasheet
1Mb / 13P
ST-3EP1N8AWQ00S - Device connector front mounting
1607709 PHOENIX-1607709 Datasheet
1Mb / 13P
ST-5EP1N8AAD00S - Device connector front mounting
1607710 PHOENIX-1607710 Datasheet
1Mb / 13P
ST-5EP1N8AW400S - Device connector front mounting
1607727 PHOENIX-1607727 Datasheet
1Mb / 13P
ST-5ES1N8AW400S - Device connector front mounting
1619214 PHOENIX-1619214 Datasheet
523Kb / 13P
ST-5ES1N8AW500S - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com