Electronic Components Datasheet Search
  English  ▼

X  

1620621 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1620621
Description  Device connector, front mounting - ST-08S1N8AWQ00S - 1619039
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620621 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1620621 Datasheet HTML 1Page - PHOENIX CONTACT 1620621 Datasheet HTML 2Page - PHOENIX CONTACT 1620621 Datasheet HTML 3Page - PHOENIX CONTACT 1620621 Datasheet HTML 4Page - PHOENIX CONTACT 1620621 Datasheet HTML 5Page - PHOENIX CONTACT 1620621 Datasheet HTML 6Page - PHOENIX CONTACT 1620621 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/gb/products/1619039
01/24/2017   Page 2 / 7
Device connector, front mounting - ST-08S1N8AWQ00S - 1619039
Technical data
General
Pg housing screw connection
none
Mounting type
4xØ2,7
Ambient conditions
Ambient temperature
-40 °C ... 125 °C
Degree of protection
IP67
Specifications according to DIN EN 61984:2001
Installation height max.
3000 m
Nominal / operating voltage of power contacts
60 V
Rated surge voltage of power contacts
1.5 kV
Overvoltage category of power contacts
III
Degree of pollution of power contacts
3
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
2
3
4
5
6
7
1
8
Connector pin assignment
Dimensional drawing
16,8
21,6
31
3
0,9
Dimensional drawing
4xM2,5
Ø23,8
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com