Electronic Components Datasheet Search
  English  ▼

X  

GS1A/M1 Datasheet(PDF) 3 Page - Multicomp Pro

Part # GS1A/M1
Description  Standard Recovery Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

GS1A/M1 Datasheet(HTML) 3 Page - Multicomp Pro

  GS1A/M1 Datasheet HTML 1Page - Multicomp Pro GS1A/M1 Datasheet HTML 2Page - Multicomp Pro GS1A/M1 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.0
14/10/24
Standard Recovery Rectifier Diodes
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Standard Recovery Diode, 50V, 1A, Single, 1.1V, 2.5µs, 30A
GS1A/M1
Standard Recovery Diode, 100V, 1A, Single, 1.1V, 2.5µs, 30A
GS1B/M2
Standard Recovery Diode, 200V, 1A, Single, 1.1V, 2.5µs, 30A
GS1D/M3
Standard Recovery Diode, 400V, 1A, Single, 1.1V, 2.5µs, 30A
GS1G/M4
Standard Recovery Diode, 600V, 1A, Single, 1.1V, 2.5µs, 30A
GS1J/M5
Standard Recovery Diode, 800V, 1A, Single, 1.1V, 2.5µs, 30A
GS1K/M6
Standard Recovery Diode, 1kV, 1A, Single, 1.1V, 2.5µs, 30A
GS1M/M7
Reflow profiles in tabular form
Profile Feature
Sn-Pb System Pb-Free System
Average Ramp-Up Rate
~3°C/second
~3°C/second
Preheat
– Temperature Range
– Time
150-170°C
60-180 seconds
150-170°C
60-180 seconds
Time maintained above:
– Temperature
– Tim
200°C
30-50 seconds
217°C
60-150 seconds
Peak Temperature
235°C
260°C max.
Time within +0 -5°C of actual
10 seconds
40 seconds
Ramp-Down Rate
3°C/second max. 6°C/second max
Diagram
Solder Pad Layout
0.074 (1.88) Max.
0.066 (1.68) Min.
0.06 (1.52)
Min.
0.208 (5.28)
Ref.
DO-214AC (SMA) SMD Plastic Package



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com