Electronic Components Datasheet Search
  English  ▼

X  

GS1A/M1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # GS1A/M1
Description  Standard Recovery Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

GS1A/M1 Datasheet(HTML) 1 Page - Multicomp Pro

  GS1A/M1 Datasheet HTML 1Page - Multicomp Pro GS1A/M1 Datasheet HTML 2Page - Multicomp Pro GS1A/M1 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
14/10/24
Standard Recovery Rectifier Diodes
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
• The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
• For surface mounted applications
• Low reverse leakage
• Built-in strain relief, ideal for automated placement
• High forward surge current capability
• High temperature soldering guaranteed: 260°C/10 seconds at terminals
• Glass passivated chip junction
• This product is available in AEC-Q101 Qualified and PPAP Capable also.
For AEC-Q101 qualified products, please use suffix -AQ in the part number while ordering
Absolute Maximum Ratings (Ta = 25°C Unless otherwise specified)
Parameter
Symbol
GS1A/
M1
GS1B/
M2
GS1D/
M3
GS1G/
M4
GS1J/
M5
GS1K/
M6
GS1M/
M7
Units
Marking Code
M1
M2
M3
M4
M5
M6
M7
-
Max. repetitive peak reverse voltage
Vrrm
50
100
200
400
600
800
1000
V
Max. RMS voltage
Vrms
35
70
140
280
420
560
700
Max. DC blocking voltage
Vdc
50
100
200
400
600
800
1000
Max. average forward rectified current at
Tl=100°C
I(AV)
1
A
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30
Max. instantaneous forward voltage
Vf
1.1
Max. DC reverse current at
rated DC blocking voltage
Ta=25°C
Ir
5
Ta=125°C
50
Maximum Reverse Recovery Time 3
Tj = 25°C
Trr
2.5
Typical junction capacitance 1
Cj
15
Typical thermal resistance 2
RθJA
75
°C/W
Operating junction and storage temperature
range
TJ,Tstg
-55 to +150
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 4V D.C.
2. P.C.B. mounted with 0.2″×0.2″ (5mm×5mm) copper pad areas
3. Reverse Recovery Test Conditions: If=0.5A, Ir=1.0A, Irr=0.25A


Similar Part No. - GS1A/M1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1A TRSYS-GS1A Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
GS1A WTE-GS1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - GS1A/M1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY88050 DIOTEC-BY88050_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2000A DIOTEC-P2000A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2000ATL DIOTEC-P2000ATL_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
PX1500A DIOTEC-PX1500A_15 Datasheet
140Kb / 2P
Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
Standard Recovery Rectifier Diodes
BY251 DIOTEC-BY251_15 Datasheet
94Kb / 2P
Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com