Electronic Components Datasheet Search
  English  ▼

X  

ST14C02 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST14C02
Description  Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST14C02 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST14C02 Datasheet HTML 3Page - STMicroelectronics ST14C02 Datasheet HTML 4Page - STMicroelectronics ST14C02 Datasheet HTML 5Page - STMicroelectronics ST14C02 Datasheet HTML 6Page - STMicroelectronics ST14C02 Datasheet HTML 7Page - STMicroelectronics ST14C02 Datasheet HTML 8Page - STMicroelectronics ST14C02 Datasheet HTML 9Page - STMicroelectronics ST14C02 Datasheet HTML 10Page - STMicroelectronics ST14C02 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
ST14C02C
Figure 7. Write Cycle Polling Flowchart using ACK
WRITE Cycle
in Progress
AI02454
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
Proceed
WRITE Operation
Proceed
Random Address
READ Operation
Send
Byte Address
First byte of instruction
with RW = 0 already
decoded by ST14C02C
Table 7. Capacitance 1 (TA = 25 °C, f = 100 kHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
tNS
Noise suppression Time Con-
stant (SCL & SDA Inputs)
100
400
ns
Table 6. AC Measurement Conditions
Input Rise and Fall Times
≤ 20 ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Figure 8. AC Testing Input/Output Waveform
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com