Electronic Components Datasheet Search
  English  ▼

X  

ST14C02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST14C02
Description  Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST14C02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST14C02 Datasheet HTML 4Page - STMicroelectronics ST14C02 Datasheet HTML 5Page - STMicroelectronics ST14C02 Datasheet HTML 6Page - STMicroelectronics ST14C02 Datasheet HTML 7Page - STMicroelectronics ST14C02 Datasheet HTML 8Page - STMicroelectronics ST14C02 Datasheet HTML 9Page - STMicroelectronics ST14C02 Datasheet HTML 10Page - STMicroelectronics ST14C02 Datasheet HTML 11Page - STMicroelectronics ST14C02 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
ST14C02C
Table 8. AC Characteristics
(TA = 0 to 70 °C; VCC = 3V to 5.5V)
Note: 1. For a reSTART condition, or following a write cycle.
2. In the Multibyte Write mode only, if the accessed bytes span over two consecutive 8-byte rows (that is, if the 6 most signifi cant
address bits are not constant) the maximum programming time is doubled to 20 ms
Symbol
Alt.
Parameter
ST14C02C
Unit
Min
Max
tCH1CH2
tR
Clock Rise Time
1
µs
tCL1CL2
tF
Clock Fall Time
300
ns
tDH1DH2
tR
SDA Rise Time
1
µs
tDL1DL2
tF
SDA Fall Time
300
ns
tCHDX 1
tSU:STA
Clock High to Input Transition
4.7
µs
tCHCL
tHIGH
Clock Pulse Width High
4
µs
tDLCL
tHD:STA
Input Low to Clock Low (START)
4
µs
tCLDX
tHD:DAT
Clock Low to Input Transition
0
µs
tCLCH
tLOW
Clock Pulse Width Low
4.7
µs
tDXCX
tSU:DAT
Input Transition to Clock Transition
250
ns
tCHDH
tSU:STO
Clock High to Input High (STOP)
4.0
µs
tDHDL
tBUF
Input High to Input Low (Bus Free)
4.7
µs
tCLQV
tAA
Clock Low to Data Out Valid
3.5
µs
tCLQX
tDH
Data Out Hold Time After Clock Low
300
ns
fC
fSCL
Clock Frequency
100
kHz
tW 2
tWR
Write Time
10
ms
Table 9. DC Characteristics
(TA = 0 to 70 °C; VCC = 3V to 5.5V)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
± 2
µA
ILI
Input Leakage Current (MODE pad)
0V
≤ VIN ≤ VCC
± 10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC = 5 V, fc = 100 kHz
(Rise/Fall time < 10 ns)
2mA
ICC1
Supply Current (Stand-by)
VIN = VSS or VCC , VCC = 5 V
100
µA
VIL
Input Low Voltage (SCL, SDA)
- 0.3
0.3 VCC
V
VIH
Input High Voltage (SCL, SDA)
0.7 VCC
VCC + 1
V
VIL
Input Low Voltage (MODE)
- 0.3
0.5
V
VIH
Input High Voltage (MODE)
VCC - 0.5
VCC + 1
V
VOL
Output Low Voltage
IOL = 3 mA, VCC = 5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com