Electronic Components Datasheet Search
  English  ▼

X  

UE433A Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # UE433A
Description  433.92MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

UE433A Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  UE433A Datasheet HTML 1Page - SIPAT Co,Ltd UE433A Datasheet HTML 2Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
z Ideal for European 433.92MHz transmitters
z Low loss,High Q factor
z Quartz stability
z To—39 case
The UE433.92 is a true one-port ,surface-acoustic-wave(SAW) resonator in a low profile TO-39 case .It
provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 433.92MHz. The UE433.92 is designed specifically for remote-control and wireless security
transmitters operating in Europe under ETSII-ETS 300 200 and in Germany under FTZ 17 TR 2100
Absolute Maximum Rating
Rating
Value
CW RF power Dissipation
+13dBm
DC Voltage between any 2 pins
f30VDC
Case Temperature
-40 to +85

Electrical Characteristic
Characteristic
Sym
Unit
Minimum
Typical
Maximum
Center Frequency
F0
MHz
433.845
433.92
433.995
Insertion Loss
IL
dB
1.5
2.0
Unloaded Q
QU
11,000
Quality Factor
50
¡loaded Q
QL
2,000
Turnover Temperature
T0

28
43
58
Turnover Frequency
F0
KHz
F0+2.7
Temperature
Stability
Freq.Temp.Coefficient
FTC
ppm/
2
0.032
Frequency Aging
ppm/yr
<
f10
DC Insulation Resistance between any 2 pins
•¡
1.0
Motional resistance
Rm
¡
15
19
Motional Inductance
Lm
­H
67.0144
Motional Capacitance
Cm
fF
2.01212
Shunt Static Cap
C0
pF
1.7
2.1
2.3
RF
Equivalent
RLC
Model
Transducer Static Cap.
Cp
pF
1.8
127(
127(
 7HVW WHPSHUDWXUH±2.
 In test the shunt inductance is tuned for parallel resonance with C0 at fc.
 7KLV SDUW LV (OHFWURVWDWLF 'LVFKDUJH 6HQVLWLYH DQG PD\ EH GDPDJHG E\ LPSURSHU KDQGLQJ
32%R[  &KRQJTLQJ &KLQD 
7HO )D[ HPDLOVDZPNW#VLSDWFRP
UE433A
433.92MHz SAW Resonator


Similar Part No. - UE433A

ManufacturerPart #DatasheetDescription
logo
SICK AG
UE43-2MF SICK-UE43-2MF Datasheet
5Mb / 92P
Safety relays
2012-12-17
UE43-2MF2D2 SICK-UE43-2MF2D2 Datasheet
327Kb / 6P
SAFETY RELAYS
UE43-2MF2D2 SICK-UE43-2MF2D2 Datasheet
5Mb / 92P
Safety relays
2012-12-17
UE43-2MF3D2 SICK-UE43-2MF3D2 Datasheet
327Kb / 6P
SAFETY RELAYS
UE43-2MF3D2 SICK-UE43-2MF3D2 Datasheet
5Mb / 92P
Safety relays
2012-12-17
More results

Similar Description - UE433A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0157A TAI-SAW-TC0157A Datasheet
306Kb / 3P
One-Port SAW Resonator 433.92MHz TO39
TD0103A TAI-SAW-TD0103A Datasheet
318Kb / 4P
Two-Port SAW Resonator 433.92MHz SMD5X5mm
TA1783A TAI-SAW-TA1783A Datasheet
390Kb / 7P
SAW Filter 433.92MHz
TA1784A TAI-SAW-TA1784A Datasheet
304Kb / 7P
SAW Filter 433.92MHz
TA1884B TAI-SAW-TA1884B Datasheet
271Kb / 7P
SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MA04316 GOLLEDGE-MA04316 Datasheet
124Kb / 4P
SAW Filter 433.92MHz
MA05276 GOLLEDGE-MA05276 Datasheet
292Kb / 4P
SAW Filter 433.92MHz
MA05781 GOLLEDGE-MA05781 Datasheet
217Kb / 4P
SAW Filter 433.92MHz
MP03049 GOLLEDGE-MP03049 Datasheet
136Kb / 4P
SAW Filter 433.92MHz
MP03125 GOLLEDGE-MP03125 Datasheet
204Kb / 6P
SAW Filter 433.92MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com