Electronic Components Datasheet Search
  English  ▼

X  

UE433A Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # UE433A
Description  433.92MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

UE433A Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  UE433A Datasheet HTML 1Page - SIPAT Co,Ltd UE433A Datasheet HTML 2Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
z Ideal for European 433.92MHz transmitters
z Low loss,High Q factor
z Quartz stability
z To—39 case
3DFNDJH
3DFNDJH
)UHTXHQF\ UHVSRQVH
)UHTXHQF\ UHVSRQVH
32%R[  &KRQJTLQJ &KLQD 
7HO )D[ HPDLOVDZPNW#VLSDWFRP
UE433.92
433.92MHz SAW Resonator
432.42
.
.
.
.
433.92
.
.
.
.
435.42
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency (MHz)
433.92 MHz SAWF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com