Electronic Components Datasheet Search
  English  ▼

X  

TDA1517/N3 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1517/N3
Description  2 x 6 W stereo power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1517/N3 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1517/N3 Datasheet HTML 1Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 2Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 3Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 4Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 5Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 6Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 7Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 8Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2004 Feb 18
2
NXP Semiconductors
Product specification
2 x 6 W stereo power amplifier
TDA1517; TDA1517P
FEATURES
• Requires very few external components
• High output power
• Fixed gain
• Good ripple rejection
• Mute/standby switch
• AC and DC short-circuit safe to ground and V
P
• Thermally protected
• Reverse polarity safe
• Capability to handle high energy on outputs (V
P =0V)
• No switch-on/switch-off plop
• Electrostatic discharge protection.
GENERAL DESCRIPTION
The TDA1517 is an integrated class-B dual output
amplifier in a plastic single in-line medium power package
with fin (SIL9MPF), a plastic rectangular-bent single in-line
medium power package with fin (RBS9MPF) or a plastic
heat-dissipating dual in-line package (HDIP18). The
device is primarily developed for multi-media applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
6.0
14.4
18.0
V
IORM
repetitive peak output current
−−
2.5
A
Iq(tot)
total quiescent current
−
40
80
mA
Isb
standby current
−
0.1
100
μA
Isw
switch-on current
−−
40
μA
|Z
I|
input impedance
50
−−
k
Ω
Po
output power
RL =4 Ω; THD = 0.5%
−
5
−
W
RL =4 Ω; THD = 10%
−
6
−
W
SVRR
supply voltage ripple rejection
fi = 100 Hz to 10 kHz
48
−−
dB
α
cs
channel separation
40
−−
dB
Gv
closed loop voltage gain
19
20
21
dB
Vno(rms)
noise output voltage (RMS value)
−
50
−μV
Tc
crystal temperature
−−
150
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1517/N3
SIL9MPF
plastic single in-line medium power package with fin; 9 leads
SOT110-1
TDA1517/N3/S5
RBS9MPF
plastic rectangular-bent single in-line medium power package with
fin; 9 leads
SOT352-1
TDA1517P
HDIP18
plastic heat-dissipating dual in-line package; 18 leads
SOT398-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com