Electronic Components Datasheet Search
  English  ▼

X  

TDA1517/N3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1517/N3
Description  2 x 6 W stereo power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1517/N3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1517/N3 Datasheet HTML 2Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 3Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 4Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 5Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 6Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 7Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 8Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 9Page - NXP Semiconductors TDA1517/N3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2004 Feb 18
6
NXP Semiconductors
Product specification
2 x 6 W stereo power amplifier
TDA1517; TDA1517P
DC CHARACTERISTICS
VP =14.4V; Tamb =25 °C; measured in Fig.6; unless otherwise specified.
Note
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6.0
14.4
18.0
V
Iq(tot)
total quiescent current
−
40
80
mA
VO
DC output voltage
−
6.95
−
V
Mute/standby switch
V8
switch-on voltage level
see Fig.5
8.5
−−
V
Mute condition
VO
output signal in mute position
VI(max) =1V; fi =20 Hz to15kHz
−−
2mV
Standby condition
Isb
DC current in standby condition
−−
100
μA
Vsw
switch-on current
−
12
40
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com