Electronic Components Datasheet Search
  English  ▼

X  

1897005 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1897005
Description  Printed-circuit board connector - FRONT-MC 1,5/ 8-STF-3,81 - 1850916
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1897005 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1897005 Datasheet HTML 1Page - PHOENIX CONTACT 1897005 Datasheet HTML 2Page - PHOENIX CONTACT 1897005 Datasheet HTML 3Page - PHOENIX CONTACT 1897005 Datasheet HTML 4Page - PHOENIX CONTACT 1897005 Datasheet HTML 5Page - PHOENIX CONTACT 1897005 Datasheet HTML 6Page - PHOENIX CONTACT 1897005 Datasheet HTML 7Page - PHOENIX CONTACT 1897005 Datasheet HTML 8Page - PHOENIX CONTACT 1897005 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1850916
12/23/2016   Page 7 / 9
Printed-circuit board connector - FRONT-MC 1,5/ 8-STF-3,81 - 1850916
Accessories
Base strip - SMC 1,5/ 8-GF-3,81 - 1827486
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 3.81 mm, Color: green,
Contact surface: Tin, Mounting: Wave soldering
 
 
Base strip - MC 1,5/ 8-GF-3,81 - 1827923
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 3.81 mm, Color: green,
Contact surface: Tin, Mounting: Wave soldering
 
 
Base strip - MCD 1,5/ 8-GF-3,81 - 1830169
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 3.81 mm, Color: green,
Contact surface: Tin, Mounting: Wave soldering, In combination with MCV plug components, both an MCVW and an
MCVR plug must be used.
 
 
Base strip - MCDV 1,5/ 8-GF-3,81 - 1830318
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 3.81 mm, Color: green,
Contact surface: Tin, Mounting: Wave soldering, In combination with MCV plug components, both an MCVW and an
MCVR plug must be used.
 
 
Base strip - MCV 1,5/ 8-GF-3,81 - 1830651
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 3.81 mm, Color: green,
Contact surface: Tin, Mounting: Wave soldering
 
 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com