Electronic Components Datasheet Search
  English  ▼

X  

1897005 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1897005
Description  Printed-circuit board connector - FRONT-MC 1,5/ 8-STF-3,81 - 1850916
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1897005 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1897005 Datasheet HTML 1Page - PHOENIX CONTACT 1897005 Datasheet HTML 2Page - PHOENIX CONTACT 1897005 Datasheet HTML 3Page - PHOENIX CONTACT 1897005 Datasheet HTML 4Page - PHOENIX CONTACT 1897005 Datasheet HTML 5Page - PHOENIX CONTACT 1897005 Datasheet HTML 6Page - PHOENIX CONTACT 1897005 Datasheet HTML 7Page - PHOENIX CONTACT 1897005 Datasheet HTML 8Page - PHOENIX CONTACT 1897005 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/gb/products/1850916
12/23/2016   Page 1 / 9
Printed-circuit board connector - FRONT-MC 1,5/ 8-STF-3,81 - 1850916
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 8, Pitch: 3.81 mm,
Connection method: Front screw connection, Color: green, Contact surface: Tin
The figure shows a 10-position
version of the product
Why buy this product
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Screwable flange for superior mechanical stability
 Optimized for tight installation situations: operation and conductor connection from one direction
Key Commercial Data
Packing unit
50 STK
GTIN
GTIN
4017918109882
Weight per Piece (excluding packing)
10.820 g
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
21.7 mm
Height
12.3 mm
Width
40.87 mm
Pitch
3.81 mm
Dimension a
26.67 mm
General
Range of articles
FRONT-MC 1,5/..-STF
Type of contact
Female connector


Similar Part No. - 1897005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1897005 PHOENIX-1897005 Datasheet
154Kb / 8P
Printed-circuit board connector - MCVR 1,5/ 8-STF-3,81 - 1828401
09/06/2017
1897005 PHOENIX-1897005 Datasheet
194Kb / 9P
Printed-circuit board connector - FK-MCP 1,5/ 8-STF-3,81 - 1851290
12/23/2016
More results

Similar Description - 1897005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1850851 PHOENIX-1850851 Datasheet
119Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/ 2-STF-3,81
1850961 PHOENIX-1850961 Datasheet
177Kb / 11P
Printed-circuit board connector - FRONT-MC 1,5/13-STF-3,81
1850990 PHOENIX-1850990 Datasheet
124Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/16-STF-3,81
1850974 PHOENIX-1850974 Datasheet
121Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/14-STF-3,81
1851009 PHOENIX-1851009 Datasheet
127Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/17-STF-3,81
1851012 PHOENIX-1851012 Datasheet
97Kb / 7P
Printed-circuit board connector - FRONT-MC 1,5/18-STF-3,81
1851025 PHOENIX-1851025 Datasheet
84Kb / 5P
Printed-circuit board connector - FRONT-MC 1,5/19-STF-3,81
1850945 PHOENIX-1850945 Datasheet
89Kb / 6P
Printed-circuit board connector - FRONT-MC 1,5/11-STF-3,81
1850903 PHOENIX-1850903 Datasheet
168Kb / 12P
Printed-circuit board connector - FRONT-MC 1,5/ 7-STF-3,81
09/12/2020
1850929 PHOENIX-1850929 Datasheet
1Mb / 20P
FRONT-MC 1,5/ 9-STF-3,81 - Printed-circuit board connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com