Electronic Components Datasheet Search
  English  ▼

X  

193-2829-034 Datasheet(PDF) 2 Page - Amphenol Spectra-Strip

Part # 193-2829-034
Description  .050" centerline, 28 awg Low Smoke / Halogen Free Flame Retardant Zip Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRA-STRIP [Amphenol Spectra-Strip]
Direct Link  
Logo SPECTRA-STRIP - Amphenol Spectra-Strip

193-2829-034 Datasheet(HTML) 2 Page - Amphenol Spectra-Strip

  193-2829-034 Datasheet HTML 1Page - Amphenol Spectra-Strip 193-2829-034 Datasheet HTML 2Page - Amphenol Spectra-Strip 193-2829-034 Datasheet HTML 3Page - Amphenol Spectra-Strip 193-2829-034 Datasheet HTML 4Page - Amphenol Spectra-Strip  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Physical
Conductors
28 AWG 7/36 strand tinned copper
Color
White
Insulation
.010" Non Halogenated FR Polyolefin
Cable Thickness:
.035"
.003"
Conductor
spacing:
.050"
.003"
Temperature
Rating
-25 C to 90 C
Electrical
Impedance
100 ohms nom single ended
Capacitance
13pF / ft @ 1 MHz, single
ended
Propagation Delay
1.45 ns / ft nom
Voltage Rating
300 V
Current Rating
1.3 A
Toxicity and Corrosivity Results
Property
Standard
Requirement
Results
Flame and Fire
Propagation
IEC 332-1
Pass
Pass
Smoke Density
ASTM E 662
IEC 1034-1
and
�2
DS < 250 flaming
and non flaming
modes
Pass
Flaming 0.62/0.75,
non-flaming
0.24/16.2
Pass
Toxicity of Fire
Gasses
AIS 1000.001
HF < 100
HCI < 150
HCN <150
S02 +H2 S <100
CO <3500
NO + N02 <100
HF <100
HCI <150
HCN<150
S02 +H2 S <100
CO <3500
NO + N02 <100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com