Electronic Components Datasheet Search
  English  ▼

X  

193-2829-034 Datasheet(PDF) 3 Page - Amphenol Spectra-Strip

Part # 193-2829-034
Description  .050" centerline, 28 awg Low Smoke / Halogen Free Flame Retardant Zip Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRA-STRIP [Amphenol Spectra-Strip]
Direct Link  
Logo SPECTRA-STRIP - Amphenol Spectra-Strip

193-2829-034 Datasheet(HTML) 3 Page - Amphenol Spectra-Strip

  193-2829-034 Datasheet HTML 1Page - Amphenol Spectra-Strip 193-2829-034 Datasheet HTML 2Page - Amphenol Spectra-Strip 193-2829-034 Datasheet HTML 3Page - Amphenol Spectra-Strip 193-2829-034 Datasheet HTML 4Page - Amphenol Spectra-Strip  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Corrosivity of
Fire Gasses
IEC 754-2
PH >4, conductivity
<100uS / cm
PH 4.5, conductivity
none
UV Resistance
IEC 68-2-5
No discoloration or
stickness
NA
Radiation
Resistance
IEC 544-2-5
Index >5.7
NA
Acid Gas
Generation
MIL-C- 24643
0.47%
Smoke Index
NES-711
5.3
Toxicity Index
NES-713
1.4
Limiting Oxygen
Index
ASTM D 2863
39
Notes On Standards:
1.
ASTM E662: STANDARD TEST METHOD FOR SPECIFIC OPTICAL DENSITY OF SMOKE
2.
ATS 1000.001: AIRBUS INDUSTRY TECHNICAL SPECIFICATION, FIRE TEST
SPECIFICATION
3.
IEC 68-2-5 SIMULATED SOLAR RADIATION AT GROUND LEVEL
4.
IEC 332-1: TESTS ON ELECTRIC CABLES UNDER FIRE CONDITIONS
5.
IEC 754-2: TEST ON GASES EVOLVED DURING COMBUSTION OF ELECTRIC CABLES
6.
IEC 544-2-4: GUIDE FOR DETERMINING THE EFFECTS OF IONIZING RADIATION ON
INSULATING MATERIALS.
7. IEC 1034-1-2: TEST FOR THE MEASUREMENT OF SMOKE DENSITY OF ELECTRIC CABLES
BURNING UNDER DEFINED CONDITIONS
Ordering Information
Width 'A'
Span 'B'
Part
Number
No.
Cond.
Inches
(mm)
Inches
(mm)
193-2829-009
9
.450
(11,43)
.400
� .007 (10,16 � 0,18)
193-2829-010
10
.500
(12,73)
.450
� .007 (11,43 � 0,18)
193-2829-014
14
.700
(17,78)
.650
� .007 (16,51 � 0,18)
193-2829-015
15
.750
(19,05)
.700
� .007 (17,78 � 0,18)
193-2829-016
16
.800
(20,32)
.750
� .011 (19,05 � 0,28)
193-2829-020
20
1.000
(25,40)
.950
� .011 (24,13 � 0,28)
193-2829-024
24
1.200
(30,48)
1.150
� .011 (29,21 � 0,28)
193-2829-025
25
1.250
(31,75)
1.200
� .011 (30,48 � 0,28)
193-2829-026
26
1.300
(33,02)
1.250
� .011 (31,75 � 0,28)
193-2829-034
34
1.700
(43,18)
1.650
� .011 (41,91 � 0,28)
193-2829-036
36
1.800
(45,72)
1.750
� .015 (44,45 � 0,38)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com