Electronic Components Datasheet Search
  English  ▼

X  

EM78P330 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P330
Description  8-Bit Microprocessor with OTP ROM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P330 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P330 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
EM78P330/331N
8-Bit Microprocessor with OTP ROM
Product Specification (V 1.1) 03.13.2007
• 33
(This specification is subject to change without further notice)
6.3
TCC/WDT and Prescaler
There are two 8-bit counters available as prescalers for the TCC and WDT respectively.
The PST0 ~ PST2 bits of the CONT register are used to determine the ratio of the TCC
prescaler, and the PWR0 ~ PWR2 bits of the IOCE0 register are used to determine the
prescaler of WDT. The prescaler counter is cleared by the instructions each time such
instructions are written into TCC. The WDT and prescaler will be cleared by the
“WDTC” and “SLEP” instructions. Fig. 6-5 (next page) depicts the block diagram of
TCC/WDT.
TCC (R1) is an 8-bit timer/counter. The TCC clock source can be an internal clock or
external signal input (edge selectable from the TCC pin). If TCC signal source is from
an internal clock, the TCC will be incremented by 1 at every instruction cycle (without
prescaler). Referring to Fig. 6-5, CLK=Fosc/2 or CLK=Fosc/4 is dependent to the Code
Option bit <CLKS>. CLK=Fosc/2 if the CLKS bit is "0," and CLK=Fosc/4 if the CLKS bit
is "1." If the TCC signal source is from an external clock input, TCC will be incremented
by 1 at every falling edge or rising edge of the TCC pin. The TCC pin input time length
(kept in High or Low level) must be greater than 1CLK.
NOTE
The internal TCC will stop running when sleep mode occurs. However, during AD
conversion, when TCC is set to “SLEP” instruction, if the ADWE bit of RE register is
enabled, the TCC will keep on running.
The watchdog timer is a free running on-chip RC oscillator. The WDT will keep on
running even when the oscillator driver has been turned off (i.e., in sleep mode).
During normal operation or sleep mode, a WDT time-out (if enabled) will cause the
device to reset. The WDT can be enabled or disabled at any time during normal mode
through software programming. Refer to WDTE bit of IOCE0 register (Section 6.2.10
IOCE0 (WDT Control Register). With no prescaler, the WDT time-out duration is
approximately 18ms.
1
1 VDD=5V, Setup time period = 16.5ms ± 30%.
VDD=3V, Setup time period = 18ms ± 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com