Electronic Components Datasheet Search
  English  ▼

X  

EM78P330 Datasheet(PDF) 79 Page - ELAN Microelectronics Corp

Part # EM78P330
Description  8-Bit Microprocessor with OTP ROM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P330 Datasheet(HTML) 79 Page - ELAN Microelectronics Corp

Back Button EM78P330 Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 78Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 79Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 80Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 81Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 82Page - ELAN Microelectronics Corp EM78P330 Datasheet HTML 83Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
EM78P330/331N
8-Bit Microprocessor with OTP ROM
Product Specification (V 1.1) 03.13.2007
• 73
(This specification is subject to change without further notice)
Period
Duty Cycle
DT1 = TMR1
PRD1 = TMR1
Fig. 6-22 PWM Output Timing
6.10.2
Increment Timer Counter (TMRX: TMR1H/TWR1L, TMR2H
/TWR2L, or TMR3H/TWR3L)
TMRX are 10-bit clock counters with programmable prescalers. They are designed for
the PWM module as baud rate clock generators. TMRX can be read only. If employed,
they can be turned off for power saving by setting the T1EN bit [Bank 1 R5 <3>], T2EN
bit [Bank 1 R6 <7>] or T3EN bit [Bank 1 R6 <3>] to 0.
6.10.3 PWM Time Period (PRDX : PRD1 or PRD2 or PRD3)
The PWM time period is defined by writing to the PRDX register. When TMRX is equal
to PRDX, the following events occur on the next increment cycle:
TMRX is cleared
The PWMX pin is set to 1
The PWM duty cycle is latched from DT1/DT2/DT3 to DL1/DL2/DL3
NOTE
The PWM output will not be set, if the duty cycle is 0.
The PWMXIF pin is set to 1
The following formula describes how to calculate the PWM time period:
PERIOD = (PRDX + 1) * (1/Fosc) * CLKS/2 * (TMRX prescale value )
Example:
PRDX=49; Fosc=4MHz; CLKS bit of Code Option Register =0 (2
oscillator periods); TMRX (0, 0, 0) = 1:2, then PERIOD=(49 + 1) *
(1/4M) * 2/2 * 2 = 25us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com