Electronic Components Datasheet Search
  English  ▼

X  

AP1501 Datasheet(PDF) 11 Page - Anachip Corp

Part # AP1501
Description  150Khz, 3A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501 Datasheet(HTML) 11 Page - Anachip Corp

Back Button AP1501 Datasheet HTML 4Page - Anachip Corp AP1501 Datasheet HTML 5Page - Anachip Corp AP1501 Datasheet HTML 6Page - Anachip Corp AP1501 Datasheet HTML 7Page - Anachip Corp AP1501 Datasheet HTML 8Page - Anachip Corp AP1501 Datasheet HTML 9Page - Anachip Corp AP1501 Datasheet HTML 10Page - Anachip Corp AP1501 Datasheet HTML 11Page - Anachip Corp AP1501 Datasheet HTML 12Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AP1501
150Khz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Aug. 23, 2005
11/12
Package Information (Continued)
(2) Package Type: TO263-5L
E
e
B
L1
1.0
10.9
1.7
Land Pattern Recommendation (Unit: mm)
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.07
4.46
4.85
0.160
0.176
0.191
B
0.66
0.84
1.02
0.026
0.033
0.040
C
0.36
0.50
0.64
0.014
0.020
0.025
C2
1.14
1.27
1.40
0.045
0.050
0.055
D
8.65
9.15
9.65
0.341
0.360
0.380
E
9.78
10.16
10.54
0.385
0.400
0.415
e
1.57
1.71
1.85
0.062
0.068
0.073
L
14.61
15.24
15.88
0.575
0.600
0.625
L1
2.29
2.54
2.79
0.090
0.100
0.110
L2
-
-
2.92
-
-
0.115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com