Electronic Components Datasheet Search
  English  ▼

X  

AP1501 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1501
Description  150Khz, 3A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501 Datasheet(HTML) 2 Page - Anachip Corp

  AP1501 Datasheet HTML 1Page - Anachip Corp AP1501 Datasheet HTML 2Page - Anachip Corp AP1501 Datasheet HTML 3Page - Anachip Corp AP1501 Datasheet HTML 4Page - Anachip Corp AP1501 Datasheet HTML 5Page - Anachip Corp AP1501 Datasheet HTML 6Page - Anachip Corp AP1501 Datasheet HTML 7Page - Anachip Corp AP1501 Datasheet HTML 8Page - Anachip Corp AP1501 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP1501
150Khz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Aug. 23, 2005
2/12
Ordering Information
Package
T5: TO220-5L
K5: TO263-5L
Output version
AP1501 XX X X X
Packing
Blank : Tube
A
: Taping
Blank : Adjustable
-33
: 3.3V
-50
: 5.0V
-12
: 12V
T5R: TO220-5L(R)
Lead Free
Blank : Normal
L : Lead Free Package
Block Diagram
Current
Source
bias
1.235V
Reference
2.5V
Regulator
150kHz
OSC.
Start
up
+
+
+
_
Thermal
Shutdown
Pre-driver
Comp
Comp
Gnd
Output
V
IN
SD
FB
220mV
200mV
3A
Switch
+
_
Amp
Comp
Frequecy
compen-
sation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com