Electronic Components Datasheet Search
  English  ▼

X  

CW1053ALAS Datasheet(PDF) 3 Page - CellWise Microelectronics

Part # CW1053ALAS
Description  5-Cell Battery Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1053ALAS Datasheet(HTML) 3 Page - CellWise Microelectronics

  CW1053ALAS Datasheet HTML 1Page - CellWise Microelectronics CW1053ALAS Datasheet HTML 2Page - CellWise Microelectronics CW1053ALAS Datasheet HTML 3Page - CellWise Microelectronics CW1053ALAS Datasheet HTML 4Page - CellWise Microelectronics CW1053ALAS Datasheet HTML 5Page - CellWise Microelectronics CW1053ALAS Datasheet HTML 6Page - CellWise Microelectronics CW1053ALAS Datasheet HTML 7Page - CellWise Microelectronics CW1053ALAS Datasheet HTML 8Page - CellWise Microelectronics CW1053ALAS Datasheet HTML 9Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CW1053
© 2015-2021 Cellwise Microelectronics
3
产品目录
产品型号
过充阈值
[VOC]
过充延时
[TOC]
过充回复
[VOCR]
过放阈值
[VOD]
过放延时
[TOD]
过放解除
[VODR]
CW1053ALAS
4.200V
1s
4.100V
2.700V
1s
3.000V
CW1053ATAP
4.200V
1s
4.100V
2.700V
1s
3.000V
CW1053ALBP
4.250V
1s
4.150V
2.700V
1s
3.000V
CW1053ALCP
4.250V
1s
4.150V
2.500V
1s
3.000V
CW1053ALDP
4.225V
1s
4.125V
2800V
1s
3.000V
CW1053ALEP
4.225V
1s
4.125V
2.700V
1s
3.000V
CW1053ALFS
4.250V
1s
4.150V
2.700V
1s
3.000V
CW1053ALJP
4.225V
1s
4.125V
2.700V
1s
3.000V
CW1053ALKS
4.225V
1s
4.125V
2.500V
1s
3.000V
CW1053ALLS
4.200V
1s
4.100V
2.500V
1s
3.000V
CW1053ATJP
4.225V
1s
4.125V
2.700V
1s
3.000V
CW1053ALIP
4.225V
1s
4.025V
2.700V
1s
3.000V
CW1053ALNS
4.175V
1s
4.075V
2.700V
1s
3.000V
CW1053ALOP
4.200V
1s
4.000V
2.700V
1s
3.000V
CW1053ALJQ
4.225V
1s
4.125V
2.700V
1s
3.000V
CW1053ATJQ
4.225V
1s
4.125V
2.700V
1s
3.000V
产品型号
过流
1 阈值
[VEC1]
过流
2 阈值
[VEC2]
短路阈值
[VSHR]
充电低温保护
CW1053ALAS
0.050V
0.100V
0.250V
否
CW1053ATAP
0.100V
0.200V
0.500V
是
CW1053ALBP
0.100V
0.200V
0.500V
否
CW1053ALCP
0.100V
0.200V
0.500V
否
CW1053ALDP
0.050V
0.100V
0.250V
否
CW1053ALEP
0.050V
0.100V
0.250V
否
CW1053ALFS
0.100V
0.200V
0.400V
否
CW1053ALJP
0.100V
0.200V
0.500V
否
CW1053ALKS
0.100V
0.200V
0.500V
否
CW1053ALLS
0.100V
0.200V
0.500V
否
CW1053ATJP
0.100V
0.200V
0.500V
是
CW1053ALIP
0.100V
0.200V
0.400V
否
CW1053ALNS
0.100V
0.200V
0.400V
否
CW1053ALOP
0.100V
0.200V
0.400V
否
CW1053ALJQ
0.100V
0.200V
0.500V
否
CW1053ATJQ
0.100V
0.200V
0.500V
是



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com