Electronic Components Datasheet Search
  English  ▼

X  

CW1053ATAP Datasheet(PDF) 6 Page - CellWise Microelectronics

Part # CW1053ATAP
Description  5-Cell Battery Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1053ATAP Datasheet(HTML) 6 Page - CellWise Microelectronics

Back Button CW1053ATAP Datasheet HTML 2Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 3Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 4Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 5Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 6Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 7Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 8Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 9Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 10Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CW1053
6
© 2015-2021 Cellwise Microelectronics
电气特性
除特殊说明外
T=25°C
描述
项目
测试条件
最小值
典型值
最大值
单位
电源
正常工作电流
IOPR
VC1=VC2=VC3=VC4=VC5
=3.7V
15
20
A
休眠电流
ISLEEP
VC1=VC2=VC3=VC4=VC5
=2.0V
5
A
电压、温度检测和保护阈值
过充检测电压
VOC*1
VC1=VC2=VC3=VC4=3.7V
VC5=3.7→4.5V
VOC -
0.025
VOC
VOC +
0.025
V
过充解除电压
VOCR
VC1=VC2=VC3=VC4=3.7V
VC5=4.5→3.7V
VOCR -
0.050
VOCR
VOCR +
0.050
V
过放检测电压
VOD
VC1=VC2=VC3=VC4=3.7V
VC5=3.7→2.0V
VOD-
0.080
VOD
VOD+
0.080
V
过放解除电压
VODR
VC1=VC2=VC3=VC4=3.7V
VC5=2.0→3.7V
VODR -
0.100
VODR
VODR +
0.100
V
过流
1 检测电压
VEC1
VC1=VC2=VC3=VC4=VC5
=3.7V
VINI=0
→0.15V
VEC1-
0.005
VEC1
VEC1+
0.005
V
过流
2 检测电压
VEC2
VC1=VC2=VC3=VC4=VC5
=3.7V
VINI=0
→0.3V
VEC2-
0.005
VEC2
VEC2+
0.005
V
短路检测电压
VSHR
VC1=VC2=VC3=VC4=VC5
=3.7V
VINI=0
→0.6V
VSHR -
0.010
VSHR
VSHR +
0.010
V
充电过温检测温度
TCOT*2
VDD=18V
TCOT
-2
TCOT
TCOT
+2
°C
充电过温保护解除迟滞温度
TCOTR
5
°C
放电过温检测温度
TDOT*2
VDD=18V
TDOT
-2
TDOT
TDOT
+2
°C
放电过温保护解除迟滞温度
TDOTR
5
°C
延迟时间
过充保护延时
TOC
VC1=VC2=VC3=VC4=3.7V
VC5=3.7→4.5V
0.5*
TOC
TOC
1.5*
TOC
s
过充保护重置延时
TRESET
20
ms
过充保护解除延时
TOCR
VC1=VC2=VC3=VC4=3.7V
VC5=4.5→3.7V
280
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com