Electronic Components Datasheet Search
  English  ▼

X  

CW1053ATAP Datasheet(PDF) 13 Page - CellWise Microelectronics

Part # CW1053ATAP
Description  5-Cell Battery Protection IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1053ATAP Datasheet(HTML) 13 Page - CellWise Microelectronics

Back Button CW1053ATAP Datasheet HTML 7Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 8Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 9Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 10Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 11Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 12Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 13Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 14Page - CellWise Microelectronics CW1053ATAP Datasheet HTML 15Page - CellWise Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CW1053
© 2015-2021 Cellwise Microelectronics
13
封装图和封装尺寸
SOP16 Package
θ
A2
A3
B
B
e
E1
E
b1
b
c
c1
BASE METAL
WITH PLATING
SECTION B-B
C
h
L1
L
0.25
D
A
A1
b
SYMBOL
MILLIMETER
MIN.
NOM.
MAX.
A
----
----
1.75
A1
0.05
----
0.225
A2
1.30
1.40
1.50
A3
0.60
0.65
0.70
b
0.39
----
0.48
b1
0.38
0.41
0.43
c
0.21
----
0.26
c1
0.19
0.20
0.21
D
9.70
9.90
10.10
E
5.80
6.00
6.20
E1
3.70
3.90
4.10
e
1.27BSC
h
0.25
----
0.50
L
0.50
----
0.80
L1
1.05BSC
0
-----
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com