Electronic Components Datasheet Search
  English  ▼

X  

ST20-C1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 5Page - STMicroelectronics ST20-C1 Datasheet HTML 6Page - STMicroelectronics ST20-C1 Datasheet HTML 7Page - STMicroelectronics ST20-C1 Datasheet HTML 8Page - STMicroelectronics ST20-C1 Datasheet HTML 9Page - STMicroelectronics ST20-C1 Datasheet HTML 10Page - STMicroelectronics ST20-C1 Datasheet HTML 11Page - STMicroelectronics ST20-C1 Datasheet HTML 12Page - STMicroelectronics ST20-C1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
9/205
2 Notation
®
2.2.1
The process state
The process state consists of the registers (Areg, Breg, Creg, Iptr, Tdesc, Wptr, and
Status), and the contents of memory. A description of the meanings and uses of the
registers and special memory locations and data structures is given in section 3.3.
2.2.2
General
The instruction descriptions are not intended to describe the way the instructions are
implemented, but only their effect on the state of the processor. So, for example, the
result of
mul is shown in terms of an intermediate result calculated to infinite precision,
although no such intermediate result is used in the implementation.
Comments (in
italics) are used to both clarify the description and to describe actions
or values that cannot easily be represented by the notation used here; e.g.
take
timeslice trap. Some of these actions and values are described in more detail in other
chapters.
An ellipsis is used to show a range of values; e.g. ‘i = 0..31’ means that i has values
from 0 to 31, inclusive.
Subscripts are used to indicate particular bits in a word; e.g. Aregi for bit i of Areg; and
Areg0..7 for the least significant byte of Areg. Note that bit 0 is the least significant bit
in a word, and bit 31 is the most significant bit.
Except for Iptr, certain reserved words of memory, and taking exceptions or switching
processes, if the description does not mention the state of a register or memory
location after the instruction, then the value will not be changed by the instruction.
Iptr is assigned the address of the next instruction in the code
before the instruction
execution starts. The Iptr is included in the description only when there are additional
effects of the instruction (e.g. in the
jump instruction). In these cases the address of
the next instruction is indicated by the comment ‘
next instruction’.
2.2.3
Undefined v alues
Some instructions in some circumstances leave the contents of a register or memory
location in an undefined state . This means that the value of the location may be
changed by the instruction, but the new value cannot be easily defined, or is not a
meaningful result of the instruction. For example, when division by zero is attempted,
Breg and Creg become undefined, i.e. they do not contain any meaningful data. An
undefined v alue is represented by the name
undefined.
The values of registers which become undefined as a result of executing an instruc-
tion are implementation dependent and are not guaranteed to be the same on
different members or revisions of the ST20 family of processors.
2.2.4
Data types
The instruction set includes operations on three sizes of data: 8, 16 and 32-bit objects.
8-bit and 16-bit data can represent signed or unsigned integers and 32-bit data can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com