Electronic Components Datasheet Search
  English  ▼

X  

LM4926 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4926
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4926 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4926 Datasheet HTML 14Page - National Semiconductor (TI) LM4926 Datasheet HTML 15Page - National Semiconductor (TI) LM4926 Datasheet HTML 16Page - National Semiconductor (TI) LM4926 Datasheet HTML 17Page - National Semiconductor (TI) LM4926 Datasheet HTML 18Page - National Semiconductor (TI) LM4926 Datasheet HTML 19Page - National Semiconductor (TI) LM4926 Datasheet HTML 20Page - National Semiconductor (TI) LM4926 Datasheet HTML 21Page - National Semiconductor (TI) LM4926 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Information (Continued)
To ensure correct operation of Automatic Standby Mode,
proper layout techniques should be implemented. Separat-
ing PGND and SGND can help reduce noise entering the
LM4926 in noisy environments. Auto Standby mode works
best when output impedance of the audio source driving
LM4926 is equal or less than 50 Ohms. While Automatic
Standby Mode reduces power consumption very effectively
during silent periods, maximum power saving is achieved by
putting the device into shutdown when it is not in use.
MICRO POWER SHUTDOWN
The voltage applied to the SD_LC (shutdown left channel)
pin and the SD_RC (shutdown right channel) pin controls the
LM4926’s shutdown function. When active, the LM4926’s
micropower shutdown feature turns off the amplifiers’ bias
circuitry, reducing the supply current. The trigger point is
0.3*CPV
DD for a logic-low level, and 0.7*CPVDD for logic-
high level. The low 0.01µA (typ) shutdown current is
achieved by applying a voltage that is as near as ground a
possible to the SD_LC/SD_RC pins. A voltage that is higher
than ground may increase the shutdown current.
There are a few ways to control the micro-power shutdown.
These include using a single-pole, single-throw switch, a
microprocessor, or a microcontroller. When using a switch,
connect an external 100k
Ω pull-up resistor between the
SD_LC/SD_RC pins and V
DD. Connect the switch between
the SD_LC/SD_RC pins and ground. Select normal amplifier
operation by opening the switch. Closing the switch con-
nects the SD_LC/SD_RC pins to ground, activating micro-
power shutdown. The switch and resistor guarantee that the
SD_LC/SD_RC pins will not float. This prevents unwanted
state changes. In a system with a microprocessor or micro-
controller, use a digital output to apply the control voltage to
the SD_LC/SD_RC pins. Driving the SD_LC/SD_RC pins
with active circuitry eliminates the pull-up resistor.
SELECTING PROPER EXTERNAL COMPONENTS
Optimizing the LM4926’s performance requires properly se-
lecting external components. Though the LM4926 operates
well when using external components with wide tolerances,
best performance is achieved by optimizing component val-
ues.
Charge Pump Capacitor Selection
Use low ESR (equivalent series resistance) (<100m
Ω) ce-
ramic capacitors with an X7R dielectric for best perfor-
mance. Low ESR capacitors keep the charge pump output
impedance to a minimum, extending the headroom on the
negative supply. Higher ESR capacitors result in reduced
output power from the audio amplifiers.
Charge pump load regulation and output impedance are
affected by the value of the flying capacitor (C1). A larger
valued C1 (up to 3.3uF) improves load regulation and mini-
mizes charge pump output resistance. Beyond 3.3uF, the
switch-on resistance dominates the output impedance for
capacitor values above 2.2uF.
The output ripple is affected by the value and ESR of the
output capacitor (C2). Larger capacitors reduce output ripple
on the negative power supply. Lower ESR capacitors mini-
mize the output ripple and reduce the output impedance of
the charge pump.
The LM4926 charge pump design is optimized for 2.2uF, low
ESR, ceramic, flying, and output capacitors.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value
input coupling capacitors (C
i in Figure 1). A high value ca-
pacitor can be expensive and may compromise space effi-
ciency in portable designs. In many cases, however, the
speakers used in portable systems, whether internal or ex-
ternal, have little ability to reproduce signals below 150Hz.
Applications using speakers with this limited frequency re-
sponse reap little improvement by using high value input and
output capacitors.
Besides affecting system cost and size, C
i has an effect on
the LM4926’s click and pop performance. The magnitude of
the pop is directly proportional to the input capacitor’s size.
Thus, pops can be minimized by selecting an input capacitor
value that is no higher than necessary to meet the desired
−3dB frequency.
As shown in Figure 1, the internal input resistor, R
i and the
input capacitor, C
i, produce a -3dB high pass filter cutoff
frequency that is found using Equation (3). Conventional
headphone amplifiers require output capacitors; Equation (3)
can be used, along with the value of R
L, to determine to-
wards the value of output capacitor needed to produce a
–3dB high pass filter cutoff frequency.
f
i-3dB =1/2
πR
iCi
(3)
Also, careful consideration must be taken in selecting a
certain type of capacitor to be used in the system. Different
types of capacitors (tantalum, electrolytic, ceramic) have
unique performance characteristics and may affect overall
system performance. (See the section entitled Charge Pump
Capacitor Selection.)
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com