Electronic Components Datasheet Search
  English  ▼

X  

LM4926 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4926
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4926 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4926 Datasheet HTML 13Page - National Semiconductor (TI) LM4926 Datasheet HTML 14Page - National Semiconductor (TI) LM4926 Datasheet HTML 15Page - National Semiconductor (TI) LM4926 Datasheet HTML 16Page - National Semiconductor (TI) LM4926 Datasheet HTML 17Page - National Semiconductor (TI) LM4926 Datasheet HTML 18Page - National Semiconductor (TI) LM4926 Datasheet HTML 19Page - National Semiconductor (TI) LM4926 Datasheet HTML 20Page - National Semiconductor (TI) LM4926 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information
SUPPLY VOLTAGE SEQUENCING
It is a good general practice to first apply the supply voltage
to a CMOS device before any other signal or supply on other
pins. This is also true for the LM4926 audio amplifier which is
a CMOS device.
Before applying any signal to the inputs or shutdown pins of
the LM4926, it is important to apply a supply voltage to the
V
DD pins. After the device has been powered, signals may
be applied to the shutdown pins (see MICRO POWER
SHUTDOWN) and input pins.
ELIMINATING THE OUTPUT COUPLING CAPACITOR
The LM4926 features a low noise inverting charge pump that
generates an internal negative supply voltage. This allows
the outputs of the LM4926 to be biased about GND instead
of a nominal DC voltage, like traditional headphone amplifi-
ers. Because there is no DC component, the large DC
blocking capacitors (typically 220µF) are not necessary. The
coupling capacitors are replaced by two, small ceramic
charge pump capacitors, saving board space and cost.
Eliminating the output coupling capacitors also improves low
frequency response. In traditional headphone amplifiers, the
headphone impedance and the output capacitor form a high
pass filter that not only blocks the DC component of the
output, but also attenuates low frequencies, impacting the
bass response. Because the LM4926 does not require the
output coupling capacitors, the low frequency response of
the device is not degraded by external components.
In addition to eliminating the output coupling capacitors, the
ground referenced output nearly doubles the available dy-
namic range of the LM4926 when compared to a traditional
headphone amplifier operating from the same supply volt-
age.
OUTPUT TRANSIENT (’CLICK AND POPS’)
ELIMINATED
The LM4926 contains advanced circuitry that virtually elimi-
nates output transients (’clicks and pops’). This circuitry
prevents all traces of transients when the supply voltage is
first applied or when the part resumes operation after coming
out of shutdown mode.
AMPLIFIER CONFIGURATION EXPLANATION
As shown in Figure 2, the LM4926 has two internal opera-
tional amplifiers. The two amplifiers have internally config-
ured gain, the closed loop gain is set by selecting the ratio of
R
f to Ri. Consequently, the gain for each channel of the IC is
A
V = -(Rf /Ri) = 1.5 V/V
where R
F = 30k
Ω and R
i = 20k
Ω.
Since this is an output ground-referenced amplifier, by driv-
ing the headphone through R
OUT (Pin C2) and LOUT (Pin
D2), the LM4926 does not require output coupling capaci-
tors. The typical single-ended amplifier configuration re-
quires large, expensive output capacitors.
POWER DISSIPATION
Power dissipation is a major concern when using any power
amplifier and must be thoroughly understood to ensure a
successful design. Equation 1 states the maximum power
dissipation point for a single-ended amplifier operating at a
given supply voltage and driving a specified output load.
P
DMAX =(VDD)
2 /(2
π2R
L)
(1)
Since the LM4926 has two operational amplifiers in one
package, the maximum internal power dissipation point is
twice that of the number which results from Equation 1. Even
with large internal power dissipation, the LM4926 does not
require heat sinking over a large range of ambient tempera-
tures. From Equation 1, assuming a 3V power supply and a
16
Ω load, the maximum power dissipation point is 28mW per
amplifier. Thus the maximum package dissipation point is
56mW. The maximum power dissipation point obtained must
not be greater than the power dissipation that results from
Equation 2:
P
DMAX =(TJMAX -TA)/(
θ
JA)
(2)
For the micro SMD package,
θ
JA = 105˚C/W. TJMAX = 150˚C
for the LM4926. Depending on the ambient temperature, T
A,
of the system surroundings, Equation 2 can be used to find
the maximum internal power dissipation supported by the IC
packaging. If the result of Equation 1 is greater than that of
Equation 2, then either the supply voltage must be de-
creased, the load impedance increased or T
A reduced. For
the typical application of a 3V power supply, with a 16
Ω load,
the maximum ambient temperature possible without violating
the maximum junction temperature is approximately 144˚C
provided that device operation is around the maximum
power dissipation point. Power dissipation is a function of
output power and thus, if typical operation is not around the
maximum power dissipation point, the ambient temperature
may be increased accordingly.
POWER SUPPLY BYPASSING
As with any power amplifier, proper supply bypassing is
critical for low noise performance and high power supply
rejection. Applications that employ a 3V power supply typi-
cally use a 4.7µF capacitor in parallel with a 0.1µF ceramic
filter capacitor to stabilize the power supply’s output, reduce
noise on the supply line, and improve the supply’s transient
response. Keep the length of leads and traces that connect
capacitors between the LM4926’s power supply pin and
ground as short as possible.
AUTOMATIC STANDBY MODE
The LM4926 features Automatic Standby Mode circuitry
(patent pending). In the absence of an input signal, after
approximately 12 seconds, the LM4926 goes into low cur-
rent standby mode. The LM4926 recovers into full power
operating mode immediately after a signal, which is greater
than the input threshold voltage, is applied to either the left or
right input pins. The input threshold voltage is not a static
value, as the supply voltage increases, the input threshold
voltage decreases. This feature reduces power supply cur-
rent consumption in battery operated applications. Please
see also the graph entitled Representation of Automatic
Standby Mode Behavior in the Typical Performance Charac-
teristics section.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com