Electronic Components Datasheet Search
  English  ▼

X  

PD85035C Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD85035C
Description  RF power transistor - LdmoST family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85035C Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD85035C Datasheet HTML 2Page - STMicroelectronics PD85035C Datasheet HTML 3Page - STMicroelectronics PD85035C Datasheet HTML 4Page - STMicroelectronics PD85035C Datasheet HTML 5Page - STMicroelectronics PD85035C Datasheet HTML 6Page - STMicroelectronics PD85035C Datasheet HTML 7Page - STMicroelectronics PD85035C Datasheet HTML 8Page - STMicroelectronics PD85035C Datasheet HTML 9Page - STMicroelectronics PD85035C Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical performance
PD85035C
6/10
4
Typical performance
Figure 3.
Capacitances vs drain voltage
Figure 4.
ID vs VGS
Figure 5.
Threshold voltage
Figure 6.
DC output characteristic
pg
0
20
40
60
80
100
120
140
160
0
1020
3040
50
Vdd (V)
Crss
Ciss
Coss
Freq = 1 MHz
g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com