Electronic Components Datasheet Search
  English  ▼

X  

PD85035C Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD85035C
Description  RF power transistor - LdmoST family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85035C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD85035C Datasheet HTML 2Page - STMicroelectronics PD85035C Datasheet HTML 3Page - STMicroelectronics PD85035C Datasheet HTML 4Page - STMicroelectronics PD85035C Datasheet HTML 5Page - STMicroelectronics PD85035C Datasheet HTML 6Page - STMicroelectronics PD85035C Datasheet HTML 7Page - STMicroelectronics PD85035C Datasheet HTML 8Page - STMicroelectronics PD85035C Datasheet HTML 9Page - STMicroelectronics PD85035C Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PD85035C
Typical performance
7/10
Figure 7.
Gain vs output power and
bias current
Figure 8.
Pout and efficiency vs input power
Figure 9.
Pout and drain current vs
supply voltage
Figure 10.
Pout and drain current vs
gate voltage
10
12
14
16
18
20
22
24
0
5
10
15
20
25
30
35
40
45
50
Pout (W)
150mA
250mA
350mA
500mA
Freq = 945 MHz
Vdd = 13.6V
yp
p
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Pin (W)
0
10
20
30
40
50
60
70
80
90
100
Pout
Nd
Freq = 945 MHz
Vdd = 13.6V
Idq = 350mA
pp y
0
10
20
30
40
50
60
7
1013
1619
Vdd (V)
0
1
2
3
4
5
6
Pout
Id
Freq = 945 MHz
Pin = 1.2W
Idq = 350mA
0
5
10
15
20
25
30
35
40
45
50
01
23
45
6
Vgs (V)
0
1
2
3
4
5
Pout
Id
Freq = 945 MHz
Pin = 0.4W
Vdd = 13.6V
Idq = 350mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com