Electronic Components Datasheet Search
  English  ▼

X  

STB12NM50FD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB12NM50FD
Description  N-channel 500V - 0.32Ω - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12NM50FD Datasheet(HTML) 1 Page - STMicroelectronics

  STB12NM50FD_06 Datasheet HTML 1Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 2Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 3Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 4Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 5Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 6Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 7Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 8Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May 2006
Rev 3
1/18
18
STB12NM50FD - STB12NM50FD-1
STP12NM50FD/FP - STW14NM50FD
N-channel 500V - 0.32
Ω - 12A - TO-220/FP - D2/I2PAK - TO-247
FDmesh™ Power MOSFET (with fast diode)
General features
■ 100% avalanche tested
■ High dv/dt and avalanche capabilities
■ Low input capacitance and gate charge
■ Low gate input resistance
■ Tight process control and high manufacturing
yields
Description
The FDmesh™ associates all advantages of
reduced on-resistance and fast switching with an
intrinsic fast-recovery body diode. It is therefore
strongly recommended for bridge topologies, in
particular ZVS phase-shift converters.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB12NM50FD
500V
<0.4
Ω
12A
160W
STB12NM50FD-1
500V
<0.4
Ω
12A
160W
STP12NM50FD
500V
<0.4
Ω
12A
160W
STP12NM50FDFP
500V
<0.4
Ω
12A
35W
STW14NM50FD
500V
<0.4
Ω
12A
160W
1
2
3
1
2
3
1
3
1
2
3
TO-220
TO-220FP
TO-247
D²PAK
I²PAK
D²PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB12NM50FD
B12NM50FD
D²PAK
Tape & reel
STB12NM50FD-1
B12NM50FD
I²PAK
Tube
STP12NM50FD
P12NM50FD
TO-220
Tube
STP12NM50FDFP
P12NM50FDFP
TO-220FP
Tube
STW14NM50FD
W14NM50FD
TO-247
Tube


Similar Part No. - STB12NM50FD_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB12NM50FD-1 STMICROELECTRONICS-STB12NM50FD-1 Datasheet
649Kb / 14P
N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
Jun-2002
STB12NM50FDT4 STMICROELECTRONICS-STB12NM50FDT4 Datasheet
649Kb / 14P
N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
Jun-2002
More results

Similar Description - STB12NM50FD_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12NM50FD STMICROELECTRONICS-STP12NM50FD Datasheet
649Kb / 14P
N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
Jun-2002
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
276Kb / 9P
N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh™ Power MOSFET with FAST DIODE
Aug-2003
STW20NM50FD STMICROELECTRONICS-STW20NM50FD Datasheet
248Kb / 8P
N-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh™ Power MOSFET with FAST DIODE
Jun-2002
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
14-Oct-2005
STP14NK60Z STMICROELECTRONICS-STP14NK60Z_07 Datasheet
623Kb / 19P
N-channel 600V - 0.45Ω - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESH™ Power MOSFET
26-Jul-2006
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STP12NM50 STMICROELECTRONICS-STP12NM50_06 Datasheet
544Kb / 17P
N-channel 550V @ tjmax - 0.30Ω - 12A TO-220/FP/D2/I2PAK MDmesh??Power MOSFET
27-Jul-2006
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
N-channel 600V - 0.11Ω - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
06-Nov-2007
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
N-channel 500V - 0.15Ω - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
22-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com