Electronic Components Datasheet Search
  English  ▼

X  

STB12NM50FD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB12NM50FD
Description  N-channel 500V - 0.32Ω - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12NM50FD Datasheet(HTML) 3 Page - STMicroelectronics

  STB12NM50FD_06 Datasheet HTML 1Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 2Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 3Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 4Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 5Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 6Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 7Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 8Page - STMicroelectronics STB12NM50FD_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STB12NM50FD/-1 - STP12NM50FD/FP - STW14NM50FD
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/
D²/I²PAK
TO-220FP
TO-247
VDS
Drain-source voltage (VGS = 0)
500
V
VDGR
Drain-gate voltage (RGS = 20KΩ)500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
12
12(1)
1.
Limited only by maximum temperature allowed
14
A
ID
Drain current (continuous) at TC=100°C
7.5
7.5(1)
8.8
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
48
48 (1)
56
A
PTOT
Total dissipation at TC = 25°C
160
35
160
W
Derating factor
1.28
0.28
1.4
W/°C
dv/dt(3)
3.
ISD ≤12A, di/dt ≤400A/µs, VDD =80%V(BR)DSS
Peak diode recovery voltage slope
20
V/ns
VISO
Insulation withstand voltage (DC)
--
2500
--
V
TJ
Tstg
Operating junction temperature
Storage temperature
-65 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
TO-220
I²PAK
D²PAK TO-220FP TO-247
Rthj-case Thermal resistance junction-case Max
0.78
3.57
0.77
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
100
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
6A
EAS
Single pulse avalanche energy
(starting Tj=25°C, Id=Iar, Vdd=50V)
400
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com