Electronic Components Datasheet Search
  English  ▼

X  

XC9129 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9129
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9129 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9129 Datasheet HTML 6Page - Torex Semiconductor XC9129 Datasheet HTML 7Page - Torex Semiconductor XC9129 Datasheet HTML 8Page - Torex Semiconductor XC9129 Datasheet HTML 9Page - Torex Semiconductor XC9129 Datasheet HTML 10Page - Torex Semiconductor XC9129 Datasheet HTML 11Page - Torex Semiconductor XC9129 Datasheet HTML 12Page - Torex Semiconductor XC9129 Datasheet HTML 13Page - Torex Semiconductor XC9129 Datasheet HTML 14Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
XC9128/XC9129
Series
■PACKAGING INFORMATION
●
SOP-8
●MSOP-10
●
USP-10B
(unit : mm)
5.0
+0.5
-0.2
0.2
+0.05
-0.1
0~
10°
1.27±0.03
0.4±0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com