Electronic Components Datasheet Search
  English  ▼

X  

XC9129 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9129
Description  1A Driver Transistor Built-In, Step-Up DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9129 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9129 Datasheet HTML 1Page - Torex Semiconductor XC9129 Datasheet HTML 2Page - Torex Semiconductor XC9129 Datasheet HTML 3Page - Torex Semiconductor XC9129 Datasheet HTML 4Page - Torex Semiconductor XC9129 Datasheet HTML 5Page - Torex Semiconductor XC9129 Datasheet HTML 6Page - Torex Semiconductor XC9129 Datasheet HTML 7Page - Torex Semiconductor XC9129 Datasheet HTML 8Page - Torex Semiconductor XC9129 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
XC9128/XC9129
Series
■PRODUCT CLASSIFICATION
●Ordering Information
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
: With integral protection
①
Transistor Built-In,
Output Voltage Freely Set (FB voltage),
Integral Protection Type
D
: Without integral protection
: Fixed reference voltage 0.45V
②③
Reference Voltage
45
②
=4, ③=5
④
Oscillation Frequency
C
: 1.2MHz
A
: MSOP-10
D
: USP-10B
⑤
Packages
S
: SOP-8
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
XC9128①②③④⑤⑥・・・・ MSOP-10, USP-10B
XC9129①②③④⑤⑥・・・・ SOP-8 (Under Development)
■FUNCTION CHART
EN PIN
AEN/ PIN
IC OPERATIONAL STATE
SOFT-START FUNCTION
L→H
L
Operation
Available
H
H→L
Operation
Not Available
H
H
Step-Up Operation Shut-Down
-
L
L
Shut-Down
-
L
H
Shut-Down
-
* Do not leave the EN and AEN/ Pins open.
MODE PIN
FUNCTION
H
PWM Control
L
PWM/PFM Automatic Switching Control
* Do not leave the MODE Pin open.
1. EN, AEN/ Pin Function
2. MODE Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com