Electronic Components Datasheet Search
  English  ▼

X  

US1K Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # US1K
Description  1.0A Surface Mount Ultra Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

US1K Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  US1K Datasheet HTML 1Page - TAITRON Components Incorporated US1K Datasheet HTML 2Page - TAITRON Components Incorporated US1K Datasheet HTML 3Page - TAITRON Components Incorporated US1K Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. C/AH 2008-06-30
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
US1A – US1M
1.0A Surface Mount
Ultra Fast Recovery Rectifier
1.0A Surface Mount Ultra Fast Recovery Rectifier
Features
• Glass passivated junction chip
• Fast switching for high efficiency
• For surface mounted application
• High temperature soldering guaranteed: 250°C/10 seconds,
at terminals
• Plastic material used carries UL Classification 94V-0
• RoHS Compliance
Mechanical Data
Case:
DO-214AC (SMA) molded plastic
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Mounting Position:
Any
Weight:
0.002 ounce, 0.064 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
US1A
US1B
US1D
US1G
US1J
US1K
US1M
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average
Forward Rectified Current
1.0
A
See Fig.1
IFSM
Peak Forward Surge
Current
30
A
8.3ms single half
sine-wave
superimposed on
rated load
(JEDEC Method)
VF
Maximum Instantaneous
Forward Voltage
1.0
1.25
1.7
V
IF(AV)=1.0A
5.0
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
100
µA
TA=125°C
Trr
Maximum Reverse
Recovery Time
50
75
nS
IF=0.5A, IR=1.0A,
Irr=0.25A
CJ
Typical Junction
Capacitance
17
pF
VR=4V, f=1MHz
SMA


Similar Part No. - US1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1K PANJIT-US1K Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
US1K SURGE-US1K Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1K TRSYS-US1K Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
US1K SSE-US1K Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Dc Components
US1K DCCOM-US1K Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1K

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
1.0A Surface Mount Fast Recovery Rectifier
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 13
RS1K-13-F DIODES-RS1K-13-F Datasheet
187Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 14
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 3
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com