Electronic Components Datasheet Search
  English  ▼

X  

US1K Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # US1K
Description  1.0A Surface Mount Ultra Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

US1K Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  US1K Datasheet HTML 1Page - TAITRON Components Incorporated US1K Datasheet HTML 2Page - TAITRON Components Incorporated US1K Datasheet HTML 3Page - TAITRON Components Incorporated US1K Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. C/AH 2008-06-30
www.taitroncomponents.com
Page 2 of 4
US1A – US1M
1.0A Surface Mount Ultra Fast Recovery Rectifier
Fig.4-Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
Fig.2- Maximum Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Fig.3- Typical Forward Characteristics
Instantaneous Forward Voltage, (V)
Symbol
Description
US1A
US1B
US1D
US1G
US1J
US1K
US1M
Unit
Conditions
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-55 to +150
° C
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve
Lead Temperature, (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com