Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # ZMM5259B
Description  500mW Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ZMM5259B Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  ZMM5259B Datasheet HTML 1Page - TAITRON Components Incorporated ZMM5259B Datasheet HTML 2Page - TAITRON Components Incorporated ZMM5259B Datasheet HTML 3Page - TAITRON Components Incorporated ZMM5259B Datasheet HTML 4Page - TAITRON Components Incorporated ZMM5259B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. C/AH 2008-02-28
ZMM5221B – ZMM5267B
500mW Surface Mount
Zener Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
500mW Surface Mount Zener Diodes
Features
• Planar Die Construction
• 500mW Power Dissipation
• Very Sharp Reverse Characteristic
• Very High Stability
• Low Reverse Current Level
• Standard Zener Voltage Tolerance is ± 5 %
• Ideally Suited for Automated Assembly Processes
• RoHS Compliant
Mechanical Data
Case:
Molded Glass MiniMelf
Terminals:
Solderable per MIL-STD-202E, Method 208
Polarity:
Color band denotes cathode end
Weight:
Approx. 0.03 grams
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
PD
Power Dissipation at Ta=25° C
500
mW
VF
Forward Voltage
1.1
V
IF=200mA
RthJA
Thermal Resistance Junction to Ambient
0.3
K/mW
TJ
Junction Temperature
175
° C
TSTG
Storage Temperature Range
-65 to +175
° C
Note: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
MiniMelf


Similar Part No. - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM5259B JGD-ZMM5259B Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Diodes Incorporated
ZMM5259B DIODES-ZMM5259B Datasheet
80Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
Weitron Technology
ZMM5259B WEITRON-ZMM5259B Datasheet
575Kb / 4P
Surface Mount Zener Diodes
logo
Pan Jit International I...
ZMM5259B PANJIT-ZMM5259B Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODES
logo
Guangdong Kexin Industr...
ZMM5259B KEXIN-ZMM5259B Datasheet
44Kb / 2P
Zener Diodes
More results

Similar Description - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
500mW SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
500mW, SOD-123LH Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com